Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL205 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RL205
Description  Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RL205 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RL205 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RL205 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DO-15
FEATURES
* Low Forward Voltage Drop
* High Current Capability
* High Reliability
* High Surge Current Capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL94V-0 rate flame retardant
* Lead:Axial Lead, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity:Colorband denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.
300(7.6)
.
230(5.8)
.034(.9)
.028(.7)
DIA.
.1
40(3.6)
.
104(2.6)
DIA.
01-Jun-2002 Rev. A
Page 1 of 2
RL201 THRU RL207
Voltage Range 50 to 1000 V
2.0 AMP Silicon Rectifiers
Elektronische Bauelemente
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
o
o
o
RL201 RL202 RL203 RL204 RL205 RL206 RL207 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
70
5.0
50
20
-65 ~ +175
V
A
A
V
pF
1.0
Typical Thermal Resistance RθJA (Note 2)
40
Operating and Storage Temperature Range TJ, TSTG
C
C/W
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
o
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A suffix of "-C" indicates halogen-free & RoHS Compliant


Similar Part No. - RL205

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL205 WINGS-RL205 Datasheet
251Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
RL205 LEIDITECH-RL205 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
Gaomi Xinghe Electronic...
RL205 GXELECTRONICS-RL205 Datasheet
312Kb / 2P
   2.0A SILICON RECTIFIER
logo
Micro Commercial Compon...
RL205 MCC-RL205 Datasheet
80Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL205 DACHANG-RL205 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
More results

Similar Description - RL205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N4001W YIXIN-1N4001W Datasheet
356Kb / 2P
   1.0 AMP SILICON RECTIFIERS VOLTAGE RANGE 50 to 1000 volts
logo
SeCoS Halbleitertechnol...
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
logo
Yea Shin Technology Co....
2W005M YEASHIN-2W005M Datasheet
315Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
Micro Commercial Compon...
GS2A MCC-GS2A_11 Datasheet
255Kb / 4P
   2.0 Amp Silicon Rectifier 50 to 1000 Volts
GS2A MCC-GS2A Datasheet
838Kb / 3P
   2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
HER201 MCC-HER201 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com