Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM-C142 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # IPM-C142
Description  Miniature Integrated Power Monitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IPM-C142 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  IPM-C142 Datasheet HTML 1Page - JDS Uniphase Corporation IPM-C142 Datasheet HTML 2Page - JDS Uniphase Corporation IPM-C142 Datasheet HTML 3Page - JDS Uniphase Corporation IPM-C142 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Specifications in mm unless otherwise noted.)
IPM Single Unit Diagram
2
MINIATURE INTEGRATED POWER MONITOR
(Specifications in mm unless otherwise noted.)
IPM Array (6 to 8 channels) Diagram
20.1 MAX
18.35
0.50 X 0.50
Ø 0.50
PITCH 2.54
7.0 MAX
Ø 3.20
32.00
PITCH 2.54 X 11
=27.94
32.50
3.0
27.94
Ø 1.14
Ø 0.51
3.20
6.00
PIN 1
22.86
BOTTOM VIEW
IPM Array Pinout
Pin
Description
1
Anode (Common)
2
Cathode 1
3
Cathode 2
4
Anode (Common)
5
Cathode 3
6
Cathode 4
7
Cathode 5
8
Anode (Common)
9
Cathode 6
10
Cathode 7
11
Anode (Common)
12
Cathode 8
(8 channel only)


Similar Part No. - IPM-C142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPM-057 ETC2-IPM-057 Datasheet
300Kb / 1P
   6mm Aluminum front bezel with strengthen glass
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
   Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
   Rugged construction and slim modularized design
IPM-12 ETC2-IPM-12 Datasheet
710Kb / 2P
   Rugged construction and slim modularized design
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
   Rugged construction and slim modularized design
More results

Similar Description - IPM-C142

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0321KLX CUI-CMS0321KLX Datasheet
142Kb / 2P
   MINIATURE MONITOR SPEAKER
CMS0461KLX CUI-CMS0461KLX Datasheet
886Kb / 2P
   MINIATURE MONITOR SPEAKER
logo
OPLINK Communications I...
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
IWMA4121000511 OPLINK-IWMA4121000511 Datasheet
219Kb / 2P
   Integrated WDM Monitor Arrays
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
IWMA OPLINK-IWMA Datasheet
188Kb / 2P
   Integrated WDM Monitor Array
IWMA-S0158 OPLINK-IWMA-S0158 Datasheet
188Kb / 2P
   Integrated WDM Monitor Array
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
logo
Analog Devices
LTC2947-65 AD-LTC2947-65 Datasheet
307Kb / 42P
   65A Power/Energy Monitor with Integrated Sense Resistor
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com