Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

126N-1319-350 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 126N-1319-350
Description  Continuous Wave (CW) Single-Frequency IR Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

126N-1319-350 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  126N-1319-350 Datasheet HTML 1Page - JDS Uniphase Corporation 126N-1319-350 Datasheet HTML 2Page - JDS Uniphase Corporation 126N-1319-350 Datasheet HTML 3Page - JDS Uniphase Corporation 126N-1319-350 Datasheet HTML 4Page - JDS Uniphase Corporation 126N-1319-350 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
CW SINGLE-FREQUENCY IR LASER
NPRO 126 Specifications 1
Parameter
126N-1319-xxx
126N-1064-xxx
Wavelength
1319 nm
1064 nm
CW power
>100, 250, 350 mW
>100, 200, 500, 700 mW
Spatial mode
TEM00
TEM00
Longitudinal mode
Single frequency
Single frequency
Linewidth
<5 kHz/ms
<5 kHz/ms
Coherence length, calculated
>1000 m
>1000 m
Frequency drift 2
<50 MHz/hour
<50 MHz/hour
Amplitude noise, 10 Hz to 2 MHz
<0.05% rms
<0.05% rms
Power drift over 8 hours 3
<5% peak-to-peak
<5% peak-to-peak
Thermal tuning range, continuous
>10 GHz
>10 GHz
Thermal tuning range, total
>30 GHz
>30 GHz
Thermal tuning rate
>1 GHz/second
>1 GHz/second
Piezo tuning range, 0 to 100 V
>30 MHz
>30 MHz
Piezo response bandwidth, small signal
>30 kHz
>30 kHz
Polarization
300:1, vertical
300:1
Beam roundness
<20% elliptical
<20% elliptical
Waist location, from shutter housing
5 cm nominal outside laser
5 cm nominal outside laser
Waist diameter, 1/e2
Vertical
0.35 mm nominal
0.38 mm nominal
Horizontal
0.46 mm nominal
0.50 mm nominal
Beam divergence, full angle
Vertical
3.9 mrad nominal
4.4 mrad nominal
Horizontal
3.0 mrad nominal
3.4 mrad nominal
Warm-up time, from cold start (AC off)
1 minute
1 minute
Dimension
Laser head size (W x H x D)
6 x 8 x 20 cm
6 x 8 x 20 cm
Weight
1.2 kg (2.65 lbs)
1.2kg (2.65 lbs)
1. Free-space output
2. Base temperature constant to within <2 °C, total range, after 30 minute warm-up.
3. Base temperature constant to within <5 °C, total range, after 30 minute warm-up.
NPRO 12x Integration Requirements
Parameter
Specification
Input and Ambient
Voltage, frequency
90 to 250 V AC, 47 to 63 Hz)
Power
<550 W (400 W typical)
Operating ambient temperaure
15 to 35 °C
Relative humidity, non-condensing
10 to 80%
Storage temperature
-20 to 55 °C


Similar Part No. - 126N-1319-350

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
126NQ200-1 SMC-126NQ200-1 Datasheet
175Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 126N-1319-350

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
CY-SM20-M1 JDSU-CY-SM20-M1 Datasheet
231Kb / 5P
   Quasi-Continuous Wave (CW) UV Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com