Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1513ERW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B1513ERW
Description  Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1513ERW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B1513ERW Datasheet HTML 1Page - MicroPower Direct, LLC B1513ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
15W Output Power
2:1 Input Voltage Range
1,500 VDC Isolation
Single & Dual Outputs
Efficiency to 87%
Compact 1 x 2 Inch Case
-40°C to +85°C Operation
Industry Standard Pin-Out
Lowest Cost!!
B1500ERW
Low Cost, 1 x 2 Inch
15W, 2:1 Input Range
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Input Filter
LC Filter
Short Circuit Input Power
3,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Trim Range
±10
%
Line Regulation
Vin = Min to Max
±0.2
±0.5
%
Load Regulation
Iout = 10% to 100%
0.5
1.0
%
Ripple & Noise (20 MHz)
Note 1
150
mV P - P
Output Power Protection
120
130
150
%
Temperature Coefficient
±0.03
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
500
Isolation Capacitance
100 kHz, 1V
1,000
pF
Switching Frequency
500
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.0 x 1.0 x 0.44 Inches (50.8 x 25.4 x 11.2 mm)
Case Material
Metal With Non-Conductive Base (UL94-V0)
Weight
1.06 Oz (30g)
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Unit On (Note 2)
3.5
40.0
VDC
Unit Off (Note 2)
0
1.2
VDC
Off Idle Current
5.0
mA
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
20.0
VDC
24 VDC Input
-0.7
40.0
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Internal Power Dissipation
All Models
5,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - B1513ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1513ERU MPD-B1513ERU Datasheet
248Kb / 2P
   B1500ERU SERIES
More results

Similar Description - B1513ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
   Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MB3000ERW MPD-MB3000ERW Datasheet
804Kb / 4P
   Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
ML300ERW MPD-ML300ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com