Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEM-4184 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # NEM-4184
Description  Network Expansion Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

NEM-4184 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  NEM-4184 Datasheet HTML 1Page - JDS Uniphase Corporation NEM-4184 Datasheet HTML 2Page - JDS Uniphase Corporation NEM-4184 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• 1x3 to 2x16 as standard
• Fused fiber and planar technology
• Low excess loss and PDL
• Single and dual window operation
• High and standard grades
• Custom configurations available
The JDSU network expansion module enables the splitting of optical signals in
singlemode optical fiber. The standard product comprises one or two input ports
and between three and 16 output ports. Designed for optical networking
applications, the module uses advanced fused fiber and planar technology to yield
ultra-low excess loss and low polarization dependent loss (PDL) in a compact package.
Standard wavelength ranges are 1310, 1550, 1585 nm and 1310/1550 nm. A wide
variety of housings, including an injection-moulded fiber organizer, 19” rack, and
LGX cassette are available and most connector types can be fitted.
Two grades of performance are provided: Grade P modules offer the solution to
demanding power and PDL budgets through the use of the highest specification
couplers. Grade A modules offer a cost-effective answer to standard splitter
requirements, including CATV and access networks.
In addition to the standard products shown, a wide variety of custom
configurations are available for specialized applications. These include alternative
housings, wavelengths, and high port counts over 16.
Applications
• Passive optical networks
• Secure data networks
•CATV
• Scientific equipment
Network Expansion Module
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - NEM-4184

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
   LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090603M-28-A RENESAS-NEM090603M-28-A Datasheet
302Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
   LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091203P-28 RENESAS-NEM091203P-28 Datasheet
310Kb / 13P
   LDMOS FIELD EFFECT TRANSISTOR
2005
More results

Similar Description - NEM-4184

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
   Expansion module with a universal PCI expansion slot
logo
List of Unclassifed Man...
IIM7010A ETC2-IIM7010A Datasheet
491Kb / 9P
   network module
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
   PCIe mini card expansion module
20-Jul-2020
BAS-3018 ADVANTECH-BAS-3018 Datasheet
531Kb / 1P
   8-ch UI Expansion Module
logo
MRV Communications, Inc...
EM316NM MRV-EM316NM Datasheet
436Kb / 2P
   Network Management Module
logo
WIZnet Co., Ltd
WIZ850IO WIZNET-WIZ850IO Datasheet
804Kb / 7P
   Plugin Network Module.
2020/10/07
logo
List of Unclassifed Man...
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
   PC/104-Plus Video Expansion Module
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
   PC/104-Plus Video Expansion Module
logo
Advantech Co., Ltd.
I-MODULE ADVANTECH-I-MODULE Datasheet
1Mb / 3P
   Expansion Module for MIC-7000 Series
11-Apr-2018
logo
Gamewell-FCI by Honeywe...
INI-7100-UTP GAMEWELL-FCI-INI-7100-UTP Datasheet
115Kb / 2P
   Intelligent Network Interface Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com