Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS406M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RS406M
Description  VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RS406M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RS406M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RS406M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
RS401M ~ RS407M
VOLTAGE 50V ~ 1000V
4.0 AMP Glass Passivated Bridge Rectifiers
FEATURES
. Surge overload rating – 125 amperes peak
. Ideal for printed circuit board
. Reliable low cost construction utilizing
Molded plastic technique
. Plastic material has underwrites laboratory
Flammability classification 94V-0
. Polarity: marked on body
. Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified
.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
RS401M
RS402M
RS403M
RS404M
RS405M
RS406M
RS407M UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note2)
4.0
Rectified Current @ TC=100
(without heatsink)
I(AV)
2.4
A
Peak Forward Surge Current, 8.3 ms single
half Sine-wave superimposed
on rated load (JEDEC method)
IFSM
125
A
Maximum Forward Voltage at 2.0A
VF
1.1
V
Maximum DC Reverse Current Ta=25
5.0
at Rated DC Blocking Voltage Ta=125
IR
500
µA
I
2t Rating for fusing (t<8.3ms)
I
2t
93
A
2S
Typical Junction Capacitance
per element (Note1)
CJ
45
pF
Typical Thermal Resistance (Note 2)
R JC
2.2
/ W
Operating Temperature Range
TJ
- 55 ~ + 150
Storage Temperature Range
TSTG
- 55 ~ + 150
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
http://www.SeCoSGmbH. com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - RS406M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS406M RECTRON-RS406M Datasheet
24Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
Bytes
RS406M BYTES-RS406M Datasheet
148Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS406M SEMTECH_ELEC-RS406M Datasheet
241Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS406M ZSELEC-RS406M Datasheet
96Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS406M ZSELEC-RS406M Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS406M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
KBU4A SECOS-KBU4A Datasheet
55Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
   VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
KBL6005G SECOS-KBL6005G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com