Electronic Components Datasheet Search |
|
SN74HC11PWT Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74HC11PWT Datasheet(HTML) 3 Page - Texas Instruments |
3 / 15 page SN54HC11, SN74HC11 TRIPLE 3INPUT POSITIVEAND GATES SCLS084D − DECEMBER 1982 − REVISED AUGUST 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54HC11 SN74HC11 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 2 5 6 2 5 6 V VCC = 2 V 1.5 1.5 VIH High-level input voltage VCC = 4.5 V 3.15 3.15 V VIH High-level input voltage VCC = 6 V 4.2 4.2 V VCC = 2 V 0.5 0.5 VIL Low-level input voltage VCC = 4.5 V 1.35 1.35 V VIL Low-level input voltage VCC = 6 V 1.8 1.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V VCC = 2 V 1000 1000 ∆t/∆v Input transition rise/fall time VCC = 4.5 V 500 500 ns ∆t/∆v Input transition rise/fall time VCC = 6 V 400 400 ns TA Operating free-air temperature −55 125 −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HC11 SN74HC11 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 1.998 1.9 1.9 IOH = −20 µA 4.5 V 4.4 4.499 4.4 4.4 VOH VI = VIH or VIL IOH = −20 µA 6 V 5.9 5.999 5.9 5.9 V VOH VI = VIH or VIL IOH = −4 mA 4.5 V 3.98 4.3 3.7 3.84 V IOH = −5.2 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL IOL = 20 µA 6 V 0.001 0.1 0.1 0.1 V VOL VI = VIH or VIL IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 V IOL = 5.2 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA ICC VI = VCC or 0, IO = 0 6 V 2 40 20 µA Ci 2 V to 6 V 3 10 10 10 pF |
Similar Part No. - SN74HC11PWT |
|
Similar Description - SN74HC11PWT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |