Electronic Components Datasheet Search |
|
SQD41Y42 Datasheet(PDF) 3 Page - JDS Uniphase Corporation |
|
SQD41Y42 Datasheet(HTML) 3 Page - JDS Uniphase Corporation |
3 / 4 page 3 FLEXIBLE SMALL CHANNEL COUNT SWITCH MODULE Parameter Single-mode (SM) Multimode (MM) Wavelength range 850 to 1350 nm 850 to 1350 nm or 1270 to 1670 nm Fiber type 9/125 µm 50/125 µm, 62.5/125 µm Fiber jacket size 900 µm fiber, 3.0 mm cable Configuration 1 x 3 to 1 x 8 Dual 1 x 2 (2 independent 1 x 2's) Duplex 1 x 2 (2 x 4 "D") Duplex 1 x 3 (2 x 6 "D") Duplex 1 x 4 (2 x 8 "D") Optical connectors FC/PC, FC/APC, SC/PC, SC/APC, LC/PC, no connector Length 0.3 to 9.9 m (± 5 cm for lengths under 1 m, ± 5% for lengths 1 m or greater) Test orientation Standard, bi-directional Insertion loss (IL)2 (includes one FC/PC connection) 1 x 3, 1 x 4, Dual 1 x 2, 2 x 4 "D" < 1.1 dB < 1.0 dB 1 x 5, 1 x 6, 1 x 7, 1 x 8, 2 x 6 "D", 2 x 8 "D" < 1.25 dB < 1.15 dB Return loss (RL) (excludes connectors) Selected port SM > 55 dB > 55 dB Selected port MM > 30 dB > 30 dB Polarization dependent loss (PDL) 1 x 3, 1 x 4, Dual 1 x 2, 2 x 4 "D" < 0.08 dB - 1 x 5, 1 x 6, 1 x 7, 1 x 8, 2 x 6 "D", 2 x 8 "D" < 0.10 dB - IL stability3 1 hour ± 0.02 dB ± 0.02 dB 24 hours ± 0.05 dB ± 0.05 dB Repeatability4,5 1 x 3, 1 x 4, Dual 1 x 2, 2 x 4 "D" < 0.01 dB (p-p) (± 0.005 dB) 1 x 5, 1 x 6, 1 x 7, 1 x 8, 2 x 6 "D", 2 x 8 "D" < 0.02 dB (p-p) (± 0.01 dB) Crosstalk/isolation Selected port to other ports < -60 dB < -50 dB Bi-directional - non-selected to other non-selected < -50 dB < -40 dB Optical input power 300 mW max Lifetime > 10 million cycles Switching time < 20 ms Control interface Configurable TTL Operating voltage (DC)2,6 5.0 V DC ± 10 % at 100 mA (300 mA max during switching) Qualification testing GR1073 for Central Office 182 g (1 x 8, 1.5 meters of 900 µm fiber, FC/PC connectors) Operating temperature 0 to 60 °C Storage temperature -40 to 85 °C Humidity (relative, non-condensing) Operating < 90 % at 23 °C, < 20 % at 60 °C Storage < 90 % at 60 °C, < 40 % at 85 °C Dimensions (W x H x D) 70 x 17 x 70 mm Weight 119 g (1 x 8, 1.5 meters of 900 µm fiber, no connectors) 1. Unless otherwise specified, all specifications at start of life at 23 °C ± 3 °C and 45 % RH ± 5 %. 2. At 23 °C ± 3 °C at specified test wavelengths (850/1310 MM or 1310/1550 SM) and optical input power of -25 to 0 dBm. 3. Drift of any channel at ± 3 °C deviation of ambient temperature without changing channels (excludes repeatability). 4. Repeatability as per Telcordia GR-1073-CORE (100 cycles, max-min/peak-to-peak). 5. Measured between two consecutive readings over 100 cycles. 6. At 23°C. Over full temperature range: 5.0 V ± 5%. Specifications |
Similar Part No. - SQD41Y42 |
|
Similar Description - SQD41Y42 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |