Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOM-0012NW35 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # MOM-0012NW35
Description  Miniature Opto-Mechanical Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MOM-0012NW35 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  MOM-0012NW35 Datasheet HTML 1Page - JDS Uniphase Corporation MOM-0012NW35 Datasheet HTML 2Page - JDS Uniphase Corporation MOM-0012NW35 Datasheet HTML 3Page - JDS Uniphase Corporation MOM-0012NW35 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MINIATURE OPTO-MECHANICAL SWITCH
Specifications
Parameter
Specification
Wavelength range
1290 to 1330 nm and/or 1525 to 1610 nm
Insertion loss1,2
1x1, 1x2 (2x1)
<0.5 dB (0.3 dB typical)
2x2 (bypass)
<0.6 dB (0.4 dB typical)
Polarization dependent loss
<0.07 dB (0.03 dB typical)
Crosstalk
>55 dB (65 dB typical)
Return loss1
>50 dB (55 dB typical)
Optical input power
<500 mW
Repeatability
<±0.02 dB (cycle to cycle)
Switching time3
<4 ms (2.5 ms typical)
Switching voltage
5 ±10% V DC
Maximum switching current
Latching
32 mA
Non-latching
46 mA
Switch lifetime4
100 million cycles
Cycle frequency
<10 Hz
Nominal dimensions (L x W x H)
17.3 x 10.4 x 8.0 mm (0.68 x 0.41 x 0.32 inches)
Operating temperature
0 to 70 °C or -5 to 80 °C short term5
Humidity
<85% RH, or <90% RH short term5
Storage temperature
-40 to 85 °C
Qualification
Telcordia GR-1221-CORE and GR-1073-CORE
1. Specified without connectors.
2. Add an additional 0.3 dB for operation over the specified wavelength range, operating temperature range, and all states of polarization.
3. The elapsed time between power application and achievement of 90% of steady state value of the new switch.
4. One switch cycle is defined as one set pulse followed by a reset pulse.
5. Short term is defined as less than 96 consecutive hours and less than a total of 15 days over a one year period.


Similar Part No. - MOM-0012NW35

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MOM-11001FLF IRCTT-MOM-11001FLF Datasheet
476Kb / 1P
   METAL OXIDE MINI SERIES RESISTORS
MOM-11001JLF IRCTT-MOM-11001JLF Datasheet
476Kb / 1P
   METAL OXIDE MINI SERIES RESISTORS
More results

Similar Description - MOM-0012NW35

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
logo
Omron Electronics LLC
EE-SX493 OMRON-EE-SX493 Datasheet
78Kb / 3P
   Opto-Switch
EE-X1041 OMRON-EE-X1041 Datasheet
195Kb / 2P
   Opto-Switch
logo
List of Unclassifed Man...
EE-SX1025 ETC-EE-SX1025 Datasheet
261Kb / 2P
   Opto - Switch
EE-SX1235A ETC-EE-SX1235A Datasheet
280Kb / 2P
   Opto-Switch
logo
Omron Electronics LLC
EE-X1088 OMRON-EE-X1088 Datasheet
275Kb / 2P
   Opto-Switch
SA105 OMRON-SA105 Datasheet
160Kb / 2P
   Opto-Switch
logo
Honeywell Accelerometer...
HOA1961-055 HONEYWELL-ACC-HOA1961-055 Datasheet
137Kb / 7P
   OPTO SCHMITT SWITCH
logo
Bedford Opto Technology...
HOA0825-01 BOT-HOA0825-01 Datasheet
34Kb / 2P
   TRANSMISSIVE OPTO SWITCH
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com