Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3U7805 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # S3U7805
Description  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S3U7805 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  S3U7805 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S3U7805 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S3U7805 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S3U7805 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S3U7805 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S3U7805 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Elektronische Bauelemente
S3U78xx
3-Terminal
Positive Voltage Regulator
01-June-2002 Rev. A
Page 5 of 6
S3U7818 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=500mA, VIN=27V, CIN=0.33 uF, CO=0.1 uF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
17.46
18
18.54
VO
B-Rank (5%)
VIN=27V, IO=500mA,Tj=25°C
21V≦VIN≦33V, 5mA≦IO≦1A, PD≦15W
17.1
-
18.9
V
21V≦VIN≦33V, IO=500mA, Tj=25°C
-
-
180
ΔV
O(Line Regulation)
24V≦VIN≦30V, IO=500mA, Tj=25°C
-
-
90
mV
VIN=27V, 5mA≦IO≦1A, Tj=25°C
-
-
180
ΔV
O(Load Regulation)
VIN=27V, 250mA≦IO≦750mA, Tj=25°C
-
-
90
mV
IQ
VIN=27V, IO=500mA,Tj=25°C
-
-
8
mA
VIN=27V, 5mA≦IO≦1A
-
-
0.5
ΔI
Q
21V≦VIN≦33V, IO=500mA
-
-
1.3
mA
VN
10Hz≦f≦100KHz, Tj=25°C
-
110
-
uV
RR
22V≦VIN≦32V, f=120Hz, Tj=25°C
-
69
-
dB
VD
Io=1A, Tj=25°C
-
2
-
V
ISC
VIN=35V, Tj=25°C
-
250
-
mA
IPK
Tj=25°C
-
1.8
-
mA
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-2.2
-
mV/°C
S3U7824 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=500mA, VIN=33V, CIN=0.33 uF, CO=0.1 uF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
23.28
24
24.72
VO
B-Rank (5%)
VIN=33V, IO=500mA,Tj=25°C
27V≦VIN≦38V, 5mA≦IO≦1A, PD≦15W
22.8
-
25.2
V
27V≦VIN≦38V, IO=500mA, Tj=25°C
-
-
240
ΔV
O(Line Regulation)
30V≦VIN≦36V, IO=500mA, Tj=25°C
-
-
120
mV
VIN=33V, 5mA≦IO≦1A, Tj=25°C
-
-
240
ΔV
O(Load Regulation)
VIN=33V, 250mA≦IO≦750mA, Tj=25°C
-
-
120
mV
IQ
VIN=33V, IO=500mA,Tj=25°C
-
-
8
mA
VIN=33V, 5mA≦IO≦1A
-
-
0.5
ΔI
Q
28V≦VIN≦38V, IO=500mA
-
-
1.0
mA
VN
10Hz≦f≦100KHz, Tj=25°C
-
170
-
uV
RR
28V≦VIN≦38V, f=120Hz, Tj=25°C
-
66
-
dB
VD
Io=1A, Tj=25°C
-
2
-
V
ISC
VIN=35V, Tj=25°C
-
250
-
mA
IPK
Tj=25°C
-
1.8
-
mA
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-2.8
-
mV/°C
TYPICAL APPLICATION


Similar Part No. - S3U7805

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S3U7805-B SECOS-S3U7805-B Datasheet
156Kb / 6P
   Positive Voltage Regulator
More results

Similar Description - S3U7805

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com