Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC132PWT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC132PWT
Description  QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC132PWT Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC132PWT Datasheet HTML 1Page - Texas Instruments SN74HC132PWT Datasheet HTML 2Page - Texas Instruments SN74HC132PWT Datasheet HTML 3Page - Texas Instruments SN74HC132PWT Datasheet HTML 4Page - Texas Instruments SN74HC132PWT Datasheet HTML 5Page - Texas Instruments SN74HC132PWT Datasheet HTML 6Page - Texas Instruments SN74HC132PWT Datasheet HTML 7Page - Texas Instruments SN74HC132PWT Datasheet HTML 8Page - Texas Instruments SN74HC132PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54HC132, SN74HC132
QUADRUPLE POSITIVENAND GATES
WITH SCHMITT TRIGGER INPUTS
SCLS034F − DECEMBER 1982 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC132
SN74HC132
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
0.7
1.2
1.5
0.7
1.5
0.7
1.5
VT+
4.5 V
1.55
2.5
3.15
1.55
3.15
1.55
3.15
V
VT+
6 V
2.1
3.3
4.2
2.1
4.2
2.1
4.2
V
2 V
0.3
0.6
1
0.3
1
0.3
1
VT−
4.5 V
0.9
1.6
2.45
0.9
2.45
0.9
2.45
V
VT−
6 V
1.2
2
3.2
1.2
3.2
1.2
3.2
V
2 V
0.2
0.6
1.2
0.2
1.2
0.2
1.2
VT+ − VT−
4.5 V
0.4
0.9
2.1
0.4
2.1
0.4
2.1
V
VT+ − VT−
6 V
0.5
1.3
2.5
0.5
2.5
0.5
2.5
V
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC132
SN74HC132
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
60
120
186
156
tpd
A or B
Y
4.5 V
18
25
37
31
ns
tpd
A or B
Y
6 V
14
21
32
27
ns
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
20
pF


Similar Part No. - SN74HC132PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC132PWT TI1-SN74HC132PWT Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN74HC132PWTE4 TI1-SN74HC132PWTE4 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN74HC132PWTG4 TI1-SN74HC132PWTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
More results

Similar Description - SN74HC132PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com