Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5J1118 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S5J1118
Description  1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5J1118 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S5J1118 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5J1118 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5J1118 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
01-Jun-2002 Rev. A
Page
3 of 3
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Typical Performance Characteristics
I load=800mA
S5J1118
1A Positive Low Dropout
Fixed-Mode Regulator With EN Function


Similar Part No. - S5J1118

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5J MCC-S5J Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
S5J SAMYANG-S5J Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
S5J TAYCHIPST-S5J Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5J GXELECTRONICS-S5J Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Semikron International
S5J SEMIKRON-S5J Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S5J1118

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSC1118 SECOS-SSC1118 Datasheet
516Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5M1119 SECOS-S5M1119 Datasheet
518Kb / 3P
   0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com