Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5J2187 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S5J2187
Description  750mA CMOS Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5J2187 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S5J2187 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5J2187 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5J2187 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5J2187 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S5J2187 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S5J2187 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH S5J2187 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
S5J2187
750mA CMOS
Positive Voltage Regulator
* Power Good Output Function
Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* Noise Reduction Bypass Capacitor
* Short Circuit Current Fold-back
* Guaranteed 750mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Instrumentation
Typical Application Circuit
Functional Block Diagram
* Power-Saving Shutdown Mode
The S5J2187 is stable with an output capacitance of
4.7µF or greater.
The S5J2187 of positive,linear regulators feature low quiescent
current (45µA typ.) with low dropout voltage, making them ideal
for battery applications. Output voltage are set at the factory and
trimmed to 1.5% accuracy.These rugged devices have both
Thermal Shutdown and Current Fold-back to prevent device failure
under the "Worst" of operating conditions. An additional feature is a
"Power Good" detector, which pulls low when the output is out of
regulation.
Description
01-Jun-2002 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.73
G
0.45
0.60
B
5.21
5.46
H
2.20
2.40
C
9.40
10.20
J
0.46
0.58
D
2.40
3.00
K
0
0.15
P
1.27 REF.
L
0.90
1.50
S
0.50
0.80
M
5.40
5.59
Millimeter
Millimeter
S5J2187


Similar Part No. - S5J2187

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
More results

Similar Description - S5J2187

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
GSC2117 GTM-GSC2117 Datasheet
818Kb / 7P
   750mA CMOS POSITIVE VOLTAGE REGULATOR
G5J2167 GTM-G5J2167 Datasheet
766Kb / 6P
   750mA CMOS Positive Voltage Regulator
G5U2187 GTM-G5U2187 Datasheet
805Kb / 7P
   750mA CMOS Positive Voltage Regulator
GSC2127 GTM-GSC2127 Datasheet
773Kb / 6P
   750mA CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2167 SECOS-S5J2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5J2187 GTM-G5J2187 Datasheet
807Kb / 7P
   750mA CMOS Positive Voltage Regulator
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com