Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC161D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC161D
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC161D Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC161D Datasheet HTML 1Page - Texas Instruments SN74HC161D Datasheet HTML 2Page - Texas Instruments SN74HC161D Datasheet HTML 3Page - Texas Instruments SN74HC161D Datasheet HTML 4Page - Texas Instruments SN74HC161D Datasheet HTML 5Page - Texas Instruments SN74HC161D Datasheet HTML 6Page - Texas Instruments SN74HC161D Datasheet HTML 7Page - Texas Instruments SN74HC161D Datasheet HTML 8Page - Texas Instruments SN74HC161D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN54HC161, SN74HC161
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS297D − JANUARY 1996 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Internal Look-Ahead for Fast Counting
D Carry Output for n-Bit Cascading
D Synchronous Counting
D Synchronously Programmable
SN54HC161 ...J OR W PACKAGE
SN74HC161 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QA
QB
NC
QC
QD
A
B
NC
C
D
SN54HC161 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
NC − No internal connection
description/ordering information
These synchronous, presettable counters feature an internal carry look-ahead for application in high-speed
counting designs. The ’HC161 devices are 4-bit binary counters. Synchronous operation is provided by having
all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed
by the count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the output
counting spikes that are normally associated with synchronous (ripple-clock) counters. A buffered clock (CLK)
input triggers the four flip-flops on the rising (positive-going) edge of the clock waveform.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC161N
SN74HC161N
Tube of 40
SN74HC161D
SOIC − D
Reel of 2500
SN74HC161DR
HC161
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC161DT
HC161
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC161NSR
HC161
Tube of 90
SN74HC161PW
TSSOP − PW
Reel of 2000
SN74HC161PWR
HC161
TSSOP − PW
Reel of 250
SN74HC161PWT
HC161
CDIP − J
Tube of 25
SNJ54HC161J
SNJ54HC161J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC161W
SNJ54HC161W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC161FK
SNJ54HC161FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC161D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC161D TI1-SN74HC161D Datasheet
995Kb / 28P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74HC161DE4 TI1-SN74HC161DE4 Datasheet
995Kb / 28P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74HC161DG4 TI1-SN74HC161DG4 Datasheet
995Kb / 28P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74HC161DR TI1-SN74HC161DR Datasheet
995Kb / 28P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74HC161DR TI1-SN74HC161DR Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results

Similar Description - SN74HC161D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com