Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5U2167 Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # S5U2167
Description  750mA CMOS Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5U2167 Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  S5U2167 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5U2167 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5U2167 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5U2167 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S5U2167 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S5U2167 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
01-Jun-2002 Rev. A
Page 6 of 6
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
S5U2167
750mA CMOS
Positive Voltage Regulator


Similar Part No. - S5U2167

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U2178 SECOS-S5U2178 Datasheet
1Mb / 6P
   CMOS Low Dropout Voltage Regula tor
S5U2179 SECOS-S5U2179 Datasheet
1Mb / 6P
   CMOS Low Dropout Voltage Regula tor
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
More results

Similar Description - S5U2167

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
GSC2117 GTM-GSC2117 Datasheet
818Kb / 7P
   750mA CMOS POSITIVE VOLTAGE REGULATOR
G5J2167 GTM-G5J2167 Datasheet
766Kb / 6P
   750mA CMOS Positive Voltage Regulator
G5U2187 GTM-G5U2187 Datasheet
805Kb / 7P
   750mA CMOS Positive Voltage Regulator
GSC2127 GTM-GSC2127 Datasheet
773Kb / 6P
   750mA CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2167 SECOS-S5J2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5J2187 GTM-G5J2187 Datasheet
807Kb / 7P
   750mA CMOS Positive Voltage Regulator
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com