Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D113EHI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D113EHI
Description  Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D113EHI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D113EHI Datasheet HTML 1Page - MicroPower Direct, LLC D113EHI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101EHI
5
4.5 - 5.5
286
60
5.0
200
20.0
72
1,000
D102EHI
5
4.5 - 5.5
286
60
9.0
111
12.0
72
1,000
D103EHI
5
4.5 - 5.5
278
60
12.0
84
9.0
75
1,000
D104EHI
5
4.5 - 5.5
278
60
15.0
67
7.0
75
1,000
D105EHI
5
4.5 - 5.5
277
60
±5.0
±100
±10.0
72
1,000
D106EHI
5
4.5 - 5.5
277
60
±9.0
±56
±6.0
72
1,000
D107EHI
5
4.5 - 5.5
267
60
±12.0
±42
±5.0
75
1,000
D108EHI
5
4.5 - 5.5
267
60
±15.0
±33
±4.0
75
1,000
D111EHI
12
10.8 - 13.2
113
40
5.0
200
20.0
74
250
D112EHI
12
10.8 - 13.2
113
40
9.0
111
12.0
74
250
D113EHI
12
10.8 - 13.2
110
40
12.0
84
9.0
76
250
D114EHI
12
10.8 - 13.2
110
40
15.0
67
7.0
76
250
D115EHI
12
10.8 - 13.2
111
40
±5.0
±100
±10.0
75
250
D116EHI
12
10.8 - 13.2
111
40
±9.0
±56
±6.0
75
250
D117EHI
12
10.8 - 13.2
107
40
±12.0
±42
±5.0
78
250
D118EHI
12
10.8 - 13.2
107
40
±15.0
±33
±4.0
78
250
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
Notes:
1. Output load regulation is specified for a load change of 10% to
100%.
2. These units should not be operated with a load under 10% of full
load. Operation at no-load may cause damage to the unit.
3. These converters will operate without external components.
However, when measuring output ripple, it is recommended that
an external ceramic
capacitor be placed
from the +Vout pin
to the -Vout pin for
single output units
and from each out-
put to common for
dual output units. An
input capacitor will enhance stability over temperature and input
line variations. Recommended capacitor values are given in the
table above.
For applications requiring very low output noise levels, a simple Pi
filter should be effective. Component values would depend upon
the application, but capacitor values of 4.7
µF and inductor
values of 10
µH are often sufficient.
4. Dual output units may be connected to provide a 10V, 18V, 24V
or 30 VDC output. To do this, connect the load across the positive
(+Vout) and negative (-Vout) outputs and float the output com-
mon
5. It is recommended that a fuse be used on the input of a power
supply for protection. See the Model Selection table above for the
correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7
µF
5 VDC
4.7
µF
12 VDC
2.2
µF
9 VDC
2.2
µF
12 VDC
1.0
µF
15 VDC 0.47
µF
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions


Similar Part No. - D113EHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D113E MPD-D113E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D113ED MPD-D113ED Datasheet
209Kb / 2P
   Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
logo
List of Unclassifed Man...
D113EI ETC1-D113EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D113EI MPD-D113EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
D113ER MPD-D113ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
More results

Similar Description - D113EHI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
D100ERW MPD-D100ERW Datasheet
185Kb / 2P
   Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
D100ED MPD-D100ED Datasheet
209Kb / 2P
   Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com