Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEM-4136 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # NEM-4136
Description  Network Expansion Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

NEM-4136 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  NEM-4136 Datasheet HTML 1Page - JDS Uniphase Corporation NEM-4136 Datasheet HTML 2Page - JDS Uniphase Corporation NEM-4136 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2005 JDS Uniphase
Corporation. All rights reserved. 10143105 Rev. 001 12/05 NEM.DS.CC.AE
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
NETWORK EXPANSION MODULE
Sample: NEM-C1843A111 (Network Expansion Module, 1550±20 nm, 1 x 8, 150 x 95 x 10 mm housing, 900 µm loose-tube
pigtail, Grade A, Corning SMF-28 fiber, 1 m pigtail, FC/PC connectors)
Code
Fiber Type
1
Corning SMF-28
Code
Housing
4
150x95x10 mm 1
5
19" rack
6
LGX cassette
Code
Wavelength
4
1310±20 nm
C
1550±20 nm
L
1585±20 nm
A
1310/1550±20 nm
NEM-
Code
Number of Input Ports
1
1 input port
2
2 input ports
Code
Number of Output Ports
3
3 output ports
4
4 output ports
5
5 output ports
6
6 output ports
8
8 output ports
A
10 output ports
C
12 output ports
G
16 output ports
Code
Grade
AGrade A
PGrade P
Code
Pigtail Type
0
Bulkhead connector2
1
250 µm primary-coat
2
900 µm loose-tube
3
3 mm fan-out sleeve
Code
Pigtail Length3
0
Bulkhead connector2
11 m
22 m
Note:
1. Injection moulded plastic fiber organizer.
2. 19" rack and LGX cassettes are fitted with bulkhead connectors.
3. Minimum pigtail length. Other pigtail lengths are available on request. Where connectorized, pigtail length is to connector end face.
4. Not available for pigtail type 3 (3 mm fan-out sleeving).
Code
Connectors
0None
1FC/PC
3
FC/APC
5
SC/APC
9
FC/UPC
A
SC/UPC
BLC4


Similar Part No. - NEM-4136

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
   LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090603M-28-A RENESAS-NEM090603M-28-A Datasheet
302Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
   LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091203P-28 RENESAS-NEM091203P-28 Datasheet
310Kb / 13P
   LDMOS FIELD EFFECT TRANSISTOR
2005
More results

Similar Description - NEM-4136

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
   Expansion module with a universal PCI expansion slot
logo
List of Unclassifed Man...
IIM7010A ETC2-IIM7010A Datasheet
491Kb / 9P
   network module
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
   PCIe mini card expansion module
20-Jul-2020
BAS-3018 ADVANTECH-BAS-3018 Datasheet
531Kb / 1P
   8-ch UI Expansion Module
logo
MRV Communications, Inc...
EM316NM MRV-EM316NM Datasheet
436Kb / 2P
   Network Management Module
logo
WIZnet Co., Ltd
WIZ850IO WIZNET-WIZ850IO Datasheet
804Kb / 7P
   Plugin Network Module.
2020/10/07
logo
List of Unclassifed Man...
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
   PC/104-Plus Video Expansion Module
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
   PC/104-Plus Video Expansion Module
logo
Advantech Co., Ltd.
I-MODULE ADVANTECH-I-MODULE Datasheet
1Mb / 3P
   Expansion Module for MIC-7000 Series
11-Apr-2018
logo
Gamewell-FCI by Honeywe...
INI-7100-UTP GAMEWELL-FCI-INI-7100-UTP Datasheet
115Kb / 2P
   Intelligent Network Interface Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com