Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30150R Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SBR30150R
Description  VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBR30150R Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SBR30150R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR30150R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev. A
Page 2 of 2
SBR30150R
VOLTAGE 150V
.0AMP Schottky Barrier Rectifiers
30
Tc, Case Temperature (℃)
Typical Forward Current Derating Curve
0
9
15
20
50
100
150
190
3
6
12
18
21
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
0
40
80
120
160
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
200
10
100
0.1
1
5
50
Forward Voltage (V)
Typical Forward Characteristic
0.3
0.4
0.5
0.6
0.7
25℃
100℃
125℃
50℃
75℃
3
0.8
0.9
0.0001
10
0.001
0.01
0.1
1
100
40
70
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
75℃
100℃
125℃
130
160
Revise Voltage (%)
Typical Junction Capacitance
0
0.1
250
500
750
1000
1
10
100


Similar Part No. - SBR30150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR30150R SECOS-SBR30150R Datasheet
396Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF Datasheet
398Kb / 2P
   VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF Datasheet
271Kb / 2P
   30 Amp Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF_11 Datasheet
271Kb / 2P
   30 Amp Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF_15 Datasheet
271Kb / 2P
   30 Amp Schottky Barrier Rectifiers
More results

Similar Description - SBR30150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR30150RF SECOS-SBR30150RF Datasheet
398Kb / 2P
   VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
SBR3040R SECOS-SBR3040R Datasheet
439Kb / 2P
   VOLTAGE 40V 30.0AMP Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R Datasheet
388Kb / 2P
   VOLTAGE 200V 30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SP30150R SECOS-SP30150R Datasheet
232Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com