Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D113VHI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D113VHI
Description  Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D113VHI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D113VHI Datasheet HTML 1Page - MicroPower Direct, LLC D113VHI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101VHI
5
4.5 - 5.5
303
55
5.0
200.0
4.0
10
66
500
D102VHI
5
4.5 - 5.5
291
55
12.0
80.0
2.0
8
66
500
D103VHI
5
4.5 - 5.5
295
55
15.0
65.0
1.0
8
66
500
D104VHI
5
4.5 - 5.5
303
55
±5.0
±100.0
±2.0
10
66
500
D105VHI
5
4.5 - 5.5
267
55
±12.0
±40.0
±1.0
8
72
500
D106VHI
5
4.5 - 5.5
287
55
±15.0
±35.0
±1.0
8
73
500
D111VHI
12
10.8 - 13.2
126
30
5.0
200.0
4.0
10
66
200
D112VHI
12
10.8 - 13.2
121
30
12.0
80.0
2.0
8
66
200
D113VHI
12
10.8 - 13.2
123
30
15.0
65.0
1.0
8
66
200
D114VHI
12
10.8 - 13.2
126
30
±5.0
±100.0
±2.0
10
66
200
D115VHI
12
10.8 - 13.2
108
30
±12.0
±40.0
±1.0
8
74
200
D116VHI
12
10.8 - 13.2
117
30
±15.0
±35.0
±1.0
8
75
200
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
NC: No Connection
Single Output
µF Max
Dual Output
µF Max
680
±220
Capacitive Load
Notes:
1. Output load regulation is specified for a load change of 20%
to 100%.
2. When measuring output ripple, it is recomended that an exter-
nal 0.33
µF ceramic capacitor be placed from the +Vout pin to
the -Vout pin for single output units and from each output to
common for dual output units.
3. Operation at no-load will not damage these units. However,
they may not meet all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24
VDC or 30 VDC output. To do this, connect the load across the
positive (+Vout) and negative (-Vout) outputs and float the
output common.
5. It is recommended that a fuse be used on the input of a power
supply for protection. See the table above for the correct rat-
ing.
Pin Connections
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - D113VHI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D113 ETC2-D113 Datasheet
45Kb / 8P
   Control/Communicators
logo
MicroPower Direct, LLC
D113 MPD-D113 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
G.M. International
D1130 GMI-D1130 Datasheet
292Kb / 2P
   SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D1130D GMI-D1130D Datasheet
292Kb / 2P
   SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D1130S GMI-D1130S Datasheet
292Kb / 2P
   SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
More results

Similar Description - D113VHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
   High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
   Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
   1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com