Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D204ERW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D204ERW
Description  Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D204ERW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D204ERW Datasheet HTML 1Page - MicroPower Direct, LLC D204ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
2W Output Power
2:1 Input Voltage Range
1,500 VDC Isolation
Short Circuit Protected
Miniature SIP Case
Single & Dual Outputs
1.0 MH MTBF
Industry Standard Pin-Out
Low Low Cost!!
D200ERW
Low Cost, Miniature
2W SIP, Wide Input
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
9.0
VDC
12 VDC Input
9.0
12.0
18.0
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
72.0
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
±1.0
±2.0
%
Line Regulation
Vin = Min to Max
±0.2
±0.5
%
Load Regulation , Single Output
Iout = 10% to 100%
±0.5
±0.75
%
Load Regulation , Dual Output
Iout = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
35
100
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.03
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
80
pF
Switching Frequency
Iout = 100%
180
500
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.87 x 0.47 x 0.37 Inches (22.0 x 12.0 x 9.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.19 Oz (5.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
11.0
VDC
12 VDC Input
-0.7
22.0
24 VDC Input
-0.7
40.0
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Internal Power Dissipation
All Models
1,800
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
RoHS Compliant


Similar Part No. - D204ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D204ERU MPD-D204ERU Datasheet
205Kb / 2P
   Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D204ERU MPD-D204ERU Datasheet
319Kb / 2P
   D200ERU SERIES
More results

Similar Description - D204ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
   Low Cost, 2W Miniature SIP DC/DC Con vert ers
ME05S MPD-ME05S_18 Datasheet
448Kb / 2P
   Low Cost, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
   Miniature, 1W SIP Medical Approved DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
   Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
MD100VHI MPD-MD100VHI Datasheet
475Kb / 2P
   Miniature 1W, SIP, Very High Isolation DC/DC Con vert ers
ME05SI MPD-ME05SI_18 Datasheet
464Kb / 2P
   High Isolation, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
MD600XRWI MPD-MD600XRWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
   High Performance, 15W Wide Input Range DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com