Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D214RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D214RU
Description  Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D214RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D214RU Datasheet HTML 1Page - MicroPower Direct, LLC D214RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external
0.47 μF ceramic capacitor be placed from the +Vout pin to the
-Vout pin for single output units and from each output to common
for dual output units. For noise sensitive applications, the use of
3.3 μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a
load step change of 75% to 100%.
3. Operation at no-load will not damage these units. However, they
may not meet all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC,
or 30 VDC output. To do this, connect the load across the positive
(+Vout) and negative (-Vout) outputs and float the output com-
mon.
5. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect
the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines,
it may be necessary to use a capacitor on the input to insure start-
up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100
kHz) capacitor be mounted close to the converter. For all models,
it is recommended a 1.5 μF be used.
6. The optional remote
on/off control pin
is referenced to
the
-Vin pin.
The standby input
current is typically
0.1 mA (0.2 ma
maximum).
7. It is recommended that a fuse be used on the input of a power sup-
ply for protection. See the table above for the correct rating.
Model
Number
Input
Output
Reflected
Ripple
Current (mA)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201RU
24
9.0 - 36.0
97
20
3.3
500.0
125.0
300
71
350
D202RU
24
9.0 - 36.0
110
20
5.0
400.0
100.0
300
76
350
D203RU
24
9.0 - 36.0
106
20
12.0
167.0
42.0
300
79
350
D204RU
24
9.0 - 36.0
105
20
15.0
134.0
33.0
300
80
350
D205RU
24
9.0 - 36.0
114
20
±5.0
±200.0
±50.0
300
73
350
D206RU
24
9.0 - 36.0
108
20
±12.0
±83.0
±21.0
300
77
350
D207RU
24
9.0 - 36.0
106
20
±15.0
±67.0
±17.0
300
79
350
D211RU
48
18.0 - 75.0
49
15
3.3
500.0
125.0
600
70
135
D212RU
48
18.0 - 75.0
58
15
5.0
400.0
100.0
600
72
135
D213RU
48
18.0 - 75.0
54
15
12.0
167.0
42.0
600
78
135
D214RU
48
18.0 - 75.0
54
15
15.0
134.0
33.0
600
78
135
D215RU
48
18.0 - 75.0
60
15
±5.0
±200.0
±50.0
600
70
135
D216RU
48
18.0 - 75.0
55
15
±12.0
±83.0
±21.0
600
76
135
D217RU
48
18.0 - 75.0
55
15
±15.0
±67.0
±17.0
600
76
135
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote ON/OFF
6
+Vout
+Vout
7
NC
Common
8NC
NC
9
-Vout
-Vout
NF = No Connection
Pin Connections
Output (VDC)
μF Max
3.3
2,200
5.0
1,000
12.0
170
15.0
110
±5.0
470
±12.0
100
±15.0
47
Note: For dual output
units, Cap load is given for
each output.
Capacitive Load
Min
Max
On
<0.6 VDC to Open Circuit
Off
2.7 VDC
15.0 VDC
In. Current (on)
-1 mA
In. Current (off)
1 mA
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - D214RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D214RP ETC1-D214RP Datasheet
91Kb / 2P
   Short Circuit Protected Regulated, 2W SIP DC/DC Converters
D214RPI ETC1-D214RPI Datasheet
59Kb / 2P
   2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters
logo
MicroPower Direct, LLC
D214RW MPD-D214RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
More results

Similar Description - D214RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
D200ERU MPD-D200ERU Datasheet
205Kb / 2P
   Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
   Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
MicroPower Direct, LLC
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
   High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com