Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA-119 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # WRA-119
Description  WaveReady?줨RA-110,WRA-113,WRA-116,WRA-119
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WRA-119 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  WRA-119 Datasheet HTML 1Page - JDS Uniphase Corporation WRA-119 Datasheet HTML 2Page - JDS Uniphase Corporation WRA-119 Datasheet HTML 3Page - JDS Uniphase Corporation WRA-119 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
3
WRA-110, WRA-113, WRA-116, WRA-119
Optical Performance1
Parameter
Minimum
Typical
Maximum
Operating wavelength range
1530 nm
1563 nm
Input power range
WRA-110
–23 dBm
+3 dBm
WRA-113
–29 dBm
+3 dBm
WRA-116
–30 dBm
+3 dBm
WRA-119
–30 dBm
+3 dBm
Total output power (User configurable in constant Pout mode; 0.1 dB set resolution)
WRA-110
–10 dBm
+10 dBm
WRA-113
–10 dBm
+13 dBm
WRA-116
–10 dBm
+16 dBm
WRA-119
–10 dBm
+19 dBm
Input LOS threshold configurable range
–38 dBm
0 dBm
(User configurable; 1.0 dB set resolution)
Power measurement accuracy (all detectors)
P
–29 dBm
–0.7 dB
+0.7 dB
–29 < P
–38 dBm
–1.5 dB
+1.5 dB
Gain (User configurable in constant gain mode; 0.1 dB set resolution)
7 dB
26 dB
WRA-110
7 dB
13 dB
WRA-113
7 dB
19 dB
WRA-116
7 dB
26 dB
WRA-119
7 dB
26 dB
Polarization dependent gain
0.3 dB
Gain accuracy (Relative to gain target, in constant gain mode)
–1.25 dB
+1.25 dB
Gain stability (Peak-to-peak, in constant gain mode)
–0.1 dB
0.1 dB
Noise figures
see Figures 1, 2, 3, and 4
Polarization mode dispersion
0.5 ps
Remnant 980 to output
–30 dBm
Return loss
–40 dB
Electrical Specifications2
Parameter
Minimum
Typical
Maximum
DC supply voltage
–48 V—
Power dissipation
12 W
17 W
Alarm relay signals
Dry contact major and minor alarms. Relay open under normal operation.
Relay closed when power is off.
1 Unless otherwise stated, all specifications are end-of-life, across all temperature and input conditions.
2Electrical specifications assume installation in a WaveReady 3500F or 3100 shelf (DMS-3500FSE03 or DMS-3100DC004).


Similar Part No. - WRA-119

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
   25 WATT AC-DC CONVERTER
WRA-FWX ETA-USA-WRA-FWX Datasheet
440Kb / 4P
   25 WATT AC/DC CONVERTER
WRA-SX ETA-USA-WRA-SX Datasheet
497Kb / 4P
   25 WATT AC-DC CONVERTER
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
WRA-YD-20W MICRODC-WRA-YD-20W Datasheet
1Mb / 3P
   20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
More results

Similar Description - WRA-119

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-08MDC001B JDSU-MDX-08MDC001B Datasheet
239Kb / 2P
   WaveReady?
DMS-3100DC004 JDSU-DMS-3100DC004 Datasheet
301Kb / 2P
   WaveReady??3100
MDX-MN0102 JDSU-MDX-MN0102 Datasheet
249Kb / 3P
   WaveReady??Passive, LGX-compatible Shelves
logo
KR Electronics, Inc.
3109 KR-3109 Datasheet
77Kb / 3P
   113 MHz Bandpass Filter
logo
Amphenol Aerospace Oper...
169-PLC-496-00 AAO-169-PLC-496-00 Datasheet
1Mb / 2P
   HDAS RECEPTALE 119 STRAIGHT PC T
REV : F
logo
E-SWITCH
RSC141D1000-116 E-SWITCH-RSC141D1000-116 Datasheet
85Kb / 1P
   E-SWITCH RSC141D1000-116
RB141D1000-116 E-SWITCH-RB141D1000-116 Datasheet
84Kb / 1P
   E-SWITCH RB141D1000-116
logo
JDS Uniphase Corporatio...
10129126 JDSU-10129126 Datasheet
118Kb / 3P
   WaveReady??3500, 5 U Rack-mount Shelf
logo
Amphenol Aerospace Oper...
169-PLC-1329-00 AAO-169-PLC-1329-00 Datasheet
1Mb / 2P
   HDAS PLUG 119 RIGHT ANGLE PC TAI
REV : D
logo
JDS Uniphase Corporatio...
LPR-530DWC1SA JDSU-LPR-530DWC1SA Datasheet
139Kb / 3P
   WaveReady??3000 Series Path and Equipment Protection Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com