Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY-SM60 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # CY-SM60
Description  Quasi-Continuous Wave (CW) UV Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CY-SM60 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  CY-SM60 Datasheet HTML 1Page - JDS Uniphase Corporation CY-SM60 Datasheet HTML 2Page - JDS Uniphase Corporation CY-SM60 Datasheet HTML 3Page - JDS Uniphase Corporation CY-SM60 Datasheet HTML 4Page - JDS Uniphase Corporation CY-SM60 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
QUASI-CW UV LASER
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Xcyte Laser Head
(Specifications in inches unless otherwise noted.)
5.75
1.00
7.4
1.00
LASER
EXIT
16.5
CONNECTOR A
CONNECTO
R B
4.7
SQUARE
7.0
1.00
BEAM
HEIGHT
(MIN)
MOUNTING SURFACE
AIR EXHAUST
AIR INTAKE
A
IR INTAKE
5.625
13.375
10.75
Power Supply
(Specifications in inches unless otherwise noted.)


Similar Part No. - CY-SM60

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CY-SERIES MITSUMI-CY-SERIES Datasheet
96Kb / 5P
   Power Inductors
More results

Similar Description - CY-SM60

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
125N-1319-100 JDSU-125N-1319-100 Datasheet
261Kb / 5P
   Continuous Wave (CW) Single-Frequency IR Laser
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
   HIGH POWER QUASI-CW LASER DIODE
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com