Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # MMBT3906
Description  PNP Silicon General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBT3906 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  MMBT3906 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBT3906 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMBT3906 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MMBT3906 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. MMBT3906 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 06/12/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
IC/IB=20
tr@VCC=3V
10
1
5
IC (mA)
td@VOB=0V
10
100
15V
40V
2V
200
10
1
5
IC (mA)
10
IC/IB=10
100
IC/IB=10
2
100
500
1
0.1
Turn-On Time
Reverse Bias (V)
1
10
Cibo
10
5
Cobo
Capacitance
TJ=25 C
TJ=125 C
100
500
40
50
1
100
QT
Fall Time
IB1=IB2
VCC=40V
IC (mA)
10
100
QA
5000
1000
VCC=40V
IC/IB=10
Charge Data
200
200
MMBT3906
Characteristics at Tamb=25 OC
Output Admittance
at -IC = 1 mA, -VCE = 10 V, f = 1 KHz
hoe
3
60
µmhos
Noise Figure
at -IC= 100 µA, -VCE = 5V, RS = 1 KOhm, f = 1KHz
NF
-
4
dB
Delay Time
td
-
35
ns
Rise Time
at -VCC = 3 V, VBE = 0.5V,
-IC= 10 mA, -IB1 = 1 mA
tr
-
35
ns
Storage Time
ts
-
225
ns
Fall Time
at -VCC = 3V, -IC = 10 mA,
-IB1 = -IB2 = 1 mA
tf
-
75
ns


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT3906 KEXIN-MMBT3906 Datasheet
1Mb / 2P
   PNP Transistors
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
   PNP switching transistor
2000 Apr 11
logo
First Components Intern...
MMBT3906 FCI-MMBT3906 Datasheet
96Kb / 1P
   200mW PNP Bipolar Transistors
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
DONGGUAN YOU FENG WEI E...
MMBT3906 YFWDIODE-MMBT3906 Datasheet
603Kb / 3P
   PNP Transistors
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com