Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB15FP Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CB15FP
Description  6mm Process Sealed Tactiles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CB15FP Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  CB15FP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CB15FP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CB15FP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CB15FP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
6mm Process Sealed Tactiles
Series CB
TYPICAL SWITCH ORDERING EXAMPLE
15
CB
SPST
OFF-(ON) Circuit
Straight PC Terminals
Actuator Position
( ) = Momentary
Switch Throw & Schematic
Pole
Model
Normal
Down
Note: Terminal numbers are not
actually on the switch.
SP
CB15
OFF
(ON)
POLE & CIRCUIT
15
SPST
OFF
(ON)
( ) = Momentary
F
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
CB15FP
POLE & CIRCUIT
P
TERMINALS
P
Straight PC
PACKAGING
S
Stick-Tube
50 Pieces/Tube
No
Code
Partitioned Tray
Flat Button
ACTUATOR
F
Flat Button
1
2
3
4
TYPICAL SWITCH DIMENSIONS
CB15FP
Single Pole • Single Throw
(6.2)
.244
(6.2)
.244
(3.0) Dia
.118
(4.35) Dia
.171
(4.0)
.157
1
3
2
4
(0.7) Typ
.028
3
1
2
4
(4.0)
.157
(6.5)
.256
(1.0) Dia Typ
.039
SPST
(3.1)
.122
(3.5)
.138
(6.5)
.256
(0.3) Typ
.012
(0.65)
.026


Similar Part No. - CB15FP

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CB15 SEI-CB15 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
CB15JB33R0 SEI-CB15JB33R0 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
CB15JB3K32 SEI-CB15JB3K32 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
CB15JB56L0 SEI-CB15JB56L0 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
CB15JBR100 SEI-CB15JBR100 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
More results

Similar Description - CB15FP

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
   6mm Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
   Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
   Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
HP0315AFKP2-S NKK-HP0315AFKP2-S Datasheet
140Kb / 4P
   6mm SMT Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com