Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF65R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF65R
Description  6.0AMP Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF65R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF65R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF65R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SF61R THRU SF67R
VOLTAGE 50V ~ 600V
6.0AMP Super Fast Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 6.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
6.0
150
5.0
50
50
-65
+150
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
35
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
* Good for switching mode application
SF61
R SF62R SF63R SF64R SF65R SF66R SF67R UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.25
1.50
Operating and Storage Temperature Range TJ, TSTG
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
R-6
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.048(1.2)
DIA.
DIA.
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SF65R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF65 WTE-SF65 Datasheet
50Kb / 3P
   6.0A SUPER-FAST RECTIFIER
logo
First Silicon Co., Ltd
SF65 FS-SF65 Datasheet
602Kb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
SF65 SYNSEMI-SF65 Datasheet
36Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Microdiode Electronics ...
SF65 CHENDA-SF65 Datasheet
535Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF65 JGD-SF65 Datasheet
165Kb / 2P
   6.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF65R

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
FR601 TGS-FR601 Datasheet
28Kb / 2P
   6.0AMP FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR601G SECOS-FR601G_15 Datasheet
244Kb / 2P
   6.0Amp Glass Passivated Fast Recovery Rectifiers
SM620D SECOS-SM620D_15 Datasheet
272Kb / 2P
   6.0Amp. Schottky Barrier Rectifiers
S6GBJ20-C SECOS-S6GBJ20-C Datasheet
217Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20 SECOS-S6GBU20_15 Datasheet
225Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com