Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSA-0CPHE10MU Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # VSA-0CPHE10MU
Description  Variable Slope Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VSA-0CPHE10MU Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  VSA-0CPHE10MU Datasheet HTML 1Page - JDS Uniphase Corporation VSA-0CPHE10MU Datasheet HTML 2Page - JDS Uniphase Corporation VSA-0CPHE10MU Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Low insertion loss
• Wide attenuation slope range
• Available in low and high contrast variants
• Available in positive or negative slope variants
• Low tuning voltage
• Mountable on a PCB
The JDSU variable slope attenuator (VSA) equalizes uneven gain profiles inherent
to the use of optical amplifiers. The VSA is Telcordia GR 1209 and 1221 compliant
and uses hermetic sealing for increased resistance to environmental extremes. It is
available in low contrast and high contrast variants, and offers excellent positive
or negative slope optical performance in either the C or L bands.
The attenuation slope is precisely tuned using a stepper motor driven by an
external IC driver. The stepper motor adjusts the slope in small, uniform step
sizes, thus providing high resolution. The VSA is compact in size and can easily be
mounted on a printed circuit board (PCB). It requires minimum voltage. The
electrical pins extrude from the bottom of the package.
The spectral diagram on next page shows the transmission spectrum after passing
through the VSA. Both positive and negative slope profiles are available.
Applications
• Remove cumulative error function
from amplifiers and filters
• Correct variations in amplifier gain
profile due to add-drop
multiplexing and Raman effect
• Balance channel power in
reconfigurable networks
Compliance
• Telcordia GR 1209 and 1221
Variable Slope Attenuators
VSA Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - VSA-0CPHE10MU

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VSA05-2.5S1R2 VOLGEN-VSA05-2.5S1R2 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
logo
Vishay Siliconix
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
logo
Volgen Kaga Electronics...
VSA24-12S0R6 VOLGEN-VSA24-12S0R6 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
VSA24-3.3S1R2 VOLGEN-VSA24-3.3S1R2 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
   SURFACE MOUNT ACMOS VCXO
More results

Similar Description - VSA-0CPHE10MU

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
BOWEI Integrated Circui...
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
   Voltage Variable Attenuators
logo
CML Microcircuits
DB839 CMLMICRO-DB839 Datasheet
169Kb / 20P
   Two Variable Attenuators
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
Copal Electronics
E-TA COPAL-E-TA Datasheet
110Kb / 5P
   THERMAL VARIABLE ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com