Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGSC34063 Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # SGSC34063
Description  Universal DC To DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGSC34063 Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  SGSC34063 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGSC34063 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGSC34063 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGSC34063 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGSC34063 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGSC34063 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
01-Jun-2002 Rev. A
Page 6 of 6
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SGSC34063
Universal DC To DC Converter
Voltage Inverting Converter
Test
Conditions
Results
Line Regulation
Vin = 4.5V to 6.0V, Io = 100mA
3mV = ± 0.12%
Load Regulation
Vin = 5V, Io = 10mA to 100mA
0.022V = ± 0.09%
Output Ripple
Vin = 5V,Io = 100mA
500mVp-p
Short Circuit Current
Vin = 5V, RL = 0.1
910mA
Efficiency
Vin = 5V, Io = 100mA
62.2%
Output Ripple With Optional Filter Vin = 5V, Io = 100mA
70mVp-p
External Current Boost Connections for Ic Peak Greater than 1.5A
External NPN Switch
External PNP Saturated Switch


Similar Part No. - SGSC34063

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGSC34119 SECOS-SGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
More results

Similar Description - SGSC34063

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
   UNIVERSAL DC/DC CONVERTER
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com