Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWSA11AAN3H Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSA11AAN3H
Description  Miniature Power Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSA11AAN3H Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSA11AAN3H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSA11AAN3H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSA11AAN3H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSA11AAN3H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSA11AAN3H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CWSA11AAN3H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Miniature Power Rockers
Series CW
TYPICAL SWITCH DIMENSIONS FOR CWSA
CWSA12AANS
Right Angle
Single Pole • Horizontal On-Off Inscription
Solder Lug
Single Pole • No Inscription
CWSA11AAN1H
INSCRIPTIONS
None
Not available in
double pole.
No
Code
Horizontal Orientation
Only On-None-Off models
are available with the
horizontal inscription.
1
Vertical Orientation
Only On-None-Off models
are available with the
vertical inscription.
2
Dot Marking
Only Single Pole On-None-
Off models are available
with the dot inscription.
3
The IEC symbols for On-Off are supplied with Single Throw models only. Orientation of inscription must be selected.
Inscription color is white ink on black.
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
(20.8)
.819
(15.5)
.610
(10.2)
.402
(14.8)
.583
30ϒ
(13.3)
.524
(2.0)
.079
(0.2)
.008
(15.6)
.614
(2.9)
.114
(0.8)
.031
(7.0) Typ
.276
(17.0)
.669
(0.5) Typ
.020
(1.7) x (2.5) Typ
.067 x .098
(5.5)
.217
NKK P/N This Side
1b
1
1a
(12.9)
.508
(3.0)
.118
(18.5)
.728
(12.3)
.484
(20.8)
.819
(15.5)
.610
(10.2)
.402
(14.8)
.583
(12.0)
.472
(1.2)
.047
(16.0)
.630
(14.0)
.551
(2.0)
.079
(5.5)
.217
(12.3)
.484
(12.9)
.508
1a
11b
(0.8) Typ
.031
(18.5)
.728
(7.0) Typ
.276
(12.9)
.508
(19.2)
.756
(14.0)
.551
(1.8) Dia Typ
.071
1b
11a
Terminal numbers
are on side
of switch body
Terminal numbers are
on side of switch body
Single throw model does
not have terminal 1b


Similar Part No. - CWSA11AAN3H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSA11AAN3H NKK-CWSA11AAN3H Datasheet
194Kb / 6P
   General Specifications
More results

Similar Description - CWSA11AAN3H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com