Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGT8810 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SGT8810
Description  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGT8810 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SGT8810 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGT8810 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGT8810 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGT8810 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 4
Elektronische Bauelemente
SGT8810
7A, 20V,RDS(ON)20m
N-Channel Enhancement Mode Power Mos.FET
v.s. Junction Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Single Pulse Power Rating
Junction-to-Ambient
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Normalized Maximum Transient Thermal Impedance
Curve
125 : /W


Similar Part No. - SGT8810

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGT8850200 CELDUC-SGT8850200 Datasheet
701Kb / 6P
   Three phase power solid state relay
SGT8858200 CELDUC-SGT8858200 Datasheet
672Kb / 6P
   Three phase power solid state relay
SGT8859200 CELDUC-SGT8859200 Datasheet
674Kb / 6P
   Three phase power solid state relay
SGT8879200 CELDUC-SGT8879200 Datasheet
684Kb / 6P
   Three phase power solid state relay
More results

Similar Description - SGT8810

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com