Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWSB21AAH Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSB21AAH
Description  Miniature Power Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSB21AAH Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSB21AAH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AAH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AAH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AAH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AAH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21AAH Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Miniature Power Rockers
Series CW
STANDARDS & CERTIFICATIONS
CWSA
Specific CWSA models listed below are qualified for Underwriters Laboratories Inc.
recognition and Canadian Standards Association certification. C-UL marking on case
is standard as noted in following table.
Model
Ratings @ AC
C-UL File No.
Marking on Case
CWSA11
6A @ 250V
WOYR8.E44145
Standard
CWSA12
6A @ 250V
WOYR8.E44145
Standard
CWSB
Specific CWSB models listed below are qualified for Underwriters Laboratories Inc.
recognition and Canadian Standards Association certification. C-UL marking on case
is standard as noted in following table.
Model
Ratings @ AC
C-UL File No.
Marking on Case
CWSB11
6A @ 250V
WOYR8.E44145
Standard
CWSB21
6A @ 250V
WOYR8.E44145
Standard
CWT
Specific CWT model listed below is qualified for Underwriters Laboratories Inc.
recognition and Canadian Standards Association certification. C-UL marking on case
is standard as noted in following table.
Model
Ratings @ AC
C-UL File No.
Marking on Case
CWT12
6A @ 125V
WOYR8.E44145
Standard
3A @ 250V
R
R
R


Similar Part No. - CWSB21AAH

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSB21AAH NKK-CWSB21AAH Datasheet
194Kb / 6P
   General Specifications
More results

Similar Description - CWSB21AAH

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com