Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1212 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SJ1212
Description  1 A Low Dropout Positive Low Dropout Linear Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ1212 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SJ1212 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ1212 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SJ1212 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
Description
1A output current capability. The product is specifically designed
to provide well-regulated supply for low voltage IC applications. The device
is also well suited for other applications such as VGA cards.
SJ1212 is guaranteed to have lower than 1.4V dropout at full load current
making it ideal to provide well-regulated outputs of 1.2V with 2.6V to 12V
input supply.
The SJ1212 is a low dropout positive 1.2V output regulator with min. of
Fixed 1.2V +/- 2% output voltage
F
APPLICATIONS
TYPICAL CIRCUIT
Built-in thermal shutdown
PC peripheral
Communication
Page 1 of 3
eatures
1.4V max. dropout voltage
Output current limiting
Good noise rejection
Fast transient response
01-Jun-2002 Rev. A
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
TO-252
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Millmeter
Millmeter
SJ1212
1 A Low Dropout Positive
Low Dropout Linear Regulator
in=3.3V
out=1.2
Gnd
GJ1212


Similar Part No. - SJ1212

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ121831 JAE-SJ121831 Datasheet
601Kb / 9P
   Rectangular Multi pole Modular Hybrid Connector
Mar 2022
SJ121832 JAE-SJ121832 Datasheet
601Kb / 9P
   Rectangular Multi pole Modular Hybrid Connector
Mar 2022
SJ121833 JAE-SJ121833 Datasheet
601Kb / 9P
   Rectangular Multi pole Modular Hybrid Connector
Mar 2022
SJ121834 JAE-SJ121834 Datasheet
601Kb / 9P
   Rectangular Multi pole Modular Hybrid Connector
Mar 2022
More results

Similar Description - SJ1212

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Analog Devices
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
logo
Solid States Devices, I...
SVR002 SSDI-SVR002_15 Datasheet
131Kb / 4P
   LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
logo
Solid States Devices, I...
SVR001 SSDI-SVR001 Datasheet
81Kb / 3P
   LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
logo
Analog Devices
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com