Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB16AP-HC Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # BB16AP-HC
Description  Process Sealed Subminiature Antistatic Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

BB16AP-HC Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  BB16AP-HC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. BB16AP-HC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. BB16AP-HC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. BB16AP-HC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. BB16AP-HC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. BB16AP-HC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Pushbuttons
Series BB
PLUNGERS
SLIP-ON CAPS
PC TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are not
actually on the switch.
SP
BB15
BB16
ON
ON
(ON)
ON
2-3
2-1
SPDT
DP
BB25
BB26
ON
ON
(ON)
ON
2-3 5-6
2-1 5-4
DPDT
Material: Polyamide
.213” (5.4mm) Long
POLES & CIRCUITS
AT475
.201” (5.1mm) Diameter Cap
AT496
.295” (7.5mm) Diameter Cap
Material: Polyamide
Straight
Vertical with Bracket
Straight
with Bracket
Colors Available:
Black
White
Red
A
P
V
B
F
H
A
B
C
(4.2)
.165
(2.8) Dia
.110
(5.4)
.213
(2.8) Dia
.110
Standard Plunger Color: White
Contact factory for other colors and lengths.
Both single pole and double pole
alternate action models have
double pole bases.
See Typical Switch Dimensions
for details.
Right Angle with Bracket
H
Straight Long
W
(2.54) Typ
.100
(0.6) Dia Typ
.024
(3.1) Typ
.122
(5.08)
.200
(3.1)
.122
(0.4) Typ
.016
(0.6) Dia Typ
.024
(2.54) Typ
.100
(10.16)
.400
(5.08)
.200
(5.08)
.200
(0.6) Typ
.024
(0.4)
.016
(0.5) Typ
.020
(0.6)
.024
(2.54) Typ
.100
(2.54) Typ
.100(0.6) Dia Typ
.024
(0.4)
.016
(0.6)
.024
(2.54) Typ
.100
(0.6) Dia Typ
.024
(0.5) Typ
.020
(5.08)
.200
(18.9)
.744
(2.54) Typ
.100
(0.6) Dia Typ
.024
2 (COM)
3
1
3
1
2
4
5
6
(COM)
Latchdown
Position
Normal
Position
Use of a support bracket is recommended to increase PCB mounting strength and stability.
(7.5) Dia
.295
(2.8) Dia
.110
(4.0)
.157
(6.3)
.248
(5.4)
.213
(5.1) Dia
.201
(6.3)
.248
(5.4)
.213
(2.8) Dia
.110
(4.0)
.157


Similar Part No. - BB16AP-HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB16AP-HC ETC1-BB16AP-HC Datasheet
1Mb / 6P
   MOMENTARY & ALTERNATE/ANTISTATIC/WASHABLE
More results

Similar Description - BB16AP-HC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B12AP NKK-B12AP Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com