Selected language     English  ▼


SM78L12 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part No. SM78L12
Description  Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 4 page
background image
Elektronische Bauelemente
SM78Lxx
Positive Voltage Regulator
01-June-2002 Rev. A
Page 4 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L15 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=23V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
14.55
15.0
15.45
VO
B-Rank (5%)
VIN=23V, IO=40mA,Tj=25°C
17.5V≦VIN≦30V, 1mA≦IO≦40mA
17.5V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
14.25
-
15.75
V
17.5V≦VIN≦30V, IO=40mA, Tj=25°C
-
25
150
ΔV
O(Line Regulation)
20V≦VIN≦30V, IO=40mA, Tj=25°C
-
15
75
mV
VIN=23V, 1mA≦IO≦100mA, Tj=25°C
-
20
150
ΔV
O(Load Regulation)
VIN=23V, 1mA≦IO≦70mA, Tj=25°C
-
25
150
mV
IQ
VIN=23V, IO=0mA,Tj=25°C
-
2.2
6.5
mA
VIN=23V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
20V≦VIN≦30V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
90
-
μV
RR
18.5V≦VIN≦28.5V, Io=40mA, f=120Hz,
Tj=25°C
34
63
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-1.3
-
mV/°C
SM78L18 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=27V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
17.46
18.0
18.54
VO
B-Rank (5%)
VIN=27V, IO=40mA,Tj=25°C
21V≦VIN≦33V, 1mA≦IO≦40mA
21V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
17.10
-
18.9
V
21V≦VIN≦33V, IO=40mA, Tj=25°C
-
145
300
ΔV
O(Line Regulation)
22V≦VIN≦33V, IO=40mA, Tj=25°C
-
135
250
mV
VIN=27V, 1mA≦IO≦100mA, Tj=25°C
-
30
170
ΔV
O(Load Regulation)
VIN=27V, 1mA≦IO≦40mA, Tj=25°C
-
15
85
mV
IQ
VIN=27V, IO=0mA,Tj=25°C
-
2.0
6.0
mA
VIN=27V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
21V≦VIN≦33V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
150
-
μV
RR
23V≦VIN≦33V, Io=40mA, f=120Hz, Tj=25°C
34
48
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-1.8
-
mV/°C
SM78L24 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=33V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
23.28
24.0
24.72
VO
B-Rank (5%)
VIN=33V, IO=40mA,Tj=25°C
27V≦VIN≦38V, 1mA≦IO≦40mA
27V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
22.80
-
25.20
V
27V≦VIN≦38V, IO=40mA, Tj=25°C
-
160
300
ΔV
O(Line Regulation)
28V≦VIN≦38V, IO=40mA, Tj=25°C
-
150
250
mV
VIN=33V, 1mA≦IO≦100mA, Tj=25°C
-
40
200
ΔV
O(Load Regulation)
VIN=33V, 1mA≦IO≦40mA, Tj=25°C
-
20
100
mV
IQ
VIN=33V, IO=0mA,Tj=25°C
-
2.2
6.0
mA
VIN=33V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
27V≦VIN≦38V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
200
-
μV
RR
27V≦VIN≦38V, Io=40mA, f=120Hz, Tj=25°C
34
45
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-2.0
-
mV/°C
Note1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the
package and copper of PCB .The data above represent pulse test conditions with junction temperatures specified at the
initiation of test.
Note2: Power dissipation < 0.5W




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GM6250ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC78LXXA_043-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
GELM3173-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
MC78L12FThree-Terminal Low Current Positive Voltage Regulator 1 2 Micro Commercial Components
DE7824TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 Dc Components
G3ULM3173-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 GTM CORPORATION
G78LXXPOSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreGTM CORPORATION
GI78LXX3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreGTM CORPORATION
GN2133CMOS POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 GTM CORPORATION
GSC2156600mA CMOS POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreGTM CORPORATION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl