Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM160B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM160B
Description  1.0AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM160B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM160B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM160B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SM120B THRU SM1100B
VOLTAGE 20V ~ 100V
1.0AMP Surface Mount Schottky Barrier Rectifie
rs
1.0
35
0.1
0.52
0.45
0.83
0.65
20
20
20
SM120B
SM140B
SM160B
SM1100B
40
40
40
60
60
60
100
100
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Typical Thermal Resistance R JA (Note 2)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.102 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
Operating
Storage Temperature Range TSTG
Temperature Range TJ
6
50
-50
+150
-65
+175
A
A
V
mA
mA
pF
110
C
C
C/W
V
V
V
UNITS
q
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
Dimensions in inches and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SM160B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SM160B TAYCHIPST-SM160B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM160B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12BL SECOS-SK12BL Datasheet
880Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LL5817 LUGUANG-LL5817 Datasheet
233Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 LUGUANG-LSR102 Datasheet
234Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_10 Datasheet
433Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM120S SECOS-SM120S Datasheet
119Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B_15 Datasheet
156Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12AL SECOS-SK12AL Datasheet
604Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12L SECOS-SK12L_15 Datasheet
156Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com