Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR01KC16HB-S Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FR01KC16HB-S
Description  10mm DIP Rotaries
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FR01KC16HB-S Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  FR01KC16HB-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FR01KC16HB-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FR01KC16HB-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FR01KC16HB-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FR01KC16HB-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FR01KC16HB-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FR01KC16HB-S Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
10mm DIP Rotaries
Series FR01
TYPICAL SWITCH DIMENSIONS
FR01FC10P
FR01FR10H
(7.62)
.300
CL
12 48
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
(10.0)
.394
(0.2)
.008
(3.8) Dia
.150
(10.0)
.394
0 1
9
(3.8)
.150
(2.1)
.083
(7.62)
.300
(3.3)
.130
(0.2) Typ
.008
C
1
2
4
8
(2.54) Typ
.100
(0.5) Typ
.020
(10.0)
.394
(0.2)
.008
(3.8) Dia
.150
(10.0)
.394
012
EF
(10.0)
.394
(0.2)
.008
(10.0)
.394
4 5 6
(3.8) Dia
.150
(3.8)
.150
(2.75)
.108
(2.54)
.100
(3.25)
.128
(3.3)
.130
(2.1)
.083
(0.2) Typ
.008
12 48
C
(2.54) Typ
.100
(0.5) Typ
.020
6789A
(10.0)
.394
(0.2)
.008
(10.0)
.394
(3.8) Dia
.150
(2.54)
.100
CL
1
248
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
Decimal
Hexadecimal
Decimal
Hexadecimal
P
Right Angle PC • Screwdriver
H
Right Angle PC • Plastic Shaft
Straight PC • Plastic Shaft
FR01KR16P
FR01KC16H
(7.62)
.300
CL
12 48
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
(2.54)
.100
CL
1
248
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
(10.0)
.394
(0.2)
.008
(10.0)
.394
0 1
9
(10.0)
.394
(0.2)
.008
(10.0)
.394
012
EF
(3.8)
.150
(2.1)
.083
(7.62)
.300
(3.3)
.130
(0.2) Typ
.008
(7.0)
.276
(3.8)
.150
C
1
2
4
8
(2.54) Typ
.100
(0.5) Typ
.020
4 5 6
(10.0)
.394
(0.2)
.008
(10.0)
.394
6789A
(10.0)
.394
(0.2)
.008
(10.0)
.394
(7.0)
.276
(3.8)
.150
(2.75)
.108
(2.54)
.100
(3.25)
.128
(3.3)
.130
(2.1)
.083
(3.8)
.150
(0.2) Typ
.008
12 48
C
(2.54) Typ
.100
(0.5) Typ
.020
Decimal
Hexadecimal
Decimal
Hexadecimal
P
H
Straight PC • Screwdriver


Similar Part No. - FR01KC16HB-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR01KC16H-06XL ETC2-FR01KC16H-06XL Datasheet
425Kb / 9P
   10mm DIP Rotaries
FR01KC16H-06XL-S ETC2-FR01KC16H-06XL-S Datasheet
425Kb / 9P
   10mm DIP Rotaries
FR01KC16H-S ETC2-FR01KC16H-S Datasheet
425Kb / 9P
   10mm DIP Rotaries
More results

Similar Description - FR01KC16HB-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
Nihon Kaiheiki Industry...
MRX108-A NKK-MRX108-A Datasheet
234Kb / 5P
   Miniature Power Level Rotaries
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com