Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM250MH Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM250MH
Description  2.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM250MH Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM250MH Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM250MH Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM220MH~SM2100MH
20 ~ 100 V
2.0 Amp Surface Mount Schottky Barrier Rectifiers
01-December-2008 Rev. A
Page 1 of 2
1
Cathode
2
Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers.
better reverse leakage current and thermal resistance.
Low profile surface mounted application.
in order to optimize board space.
Low power loss and low forward voltage drop
High surge, high current capability, and high efficiency.
Fast switching for high efficiency.
Guard-ring for overvoltage protection.
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction.
PACKAGING INFORMATION
Small plastic SMD package.
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.0110 g (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SM220MH
22
SM260MH
26
SM230MH
23
SM280MH
28
SM240MH
24
SM2100MH
20
SM250MH
25
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
PART NUMBERS
PARAMETERS
SYMBOL
SM
220
MH
SM
230
MH
SM
240
MH
SM
250
MH
SM
260
MH
SM
280
MH
SM
2100
MH
UNITS
TESTING CONDITIONS
Recurrent Peak
Reverse Voltage (Max.)
VRRM
20
30
40
50
60
80
100
V
RMS Voltage (Max.)
VRMS
14
21
28
35
42
56
70
V
Reverse Voltage (Max.)
VR
20
30
40
50
60
80
100
V
Forward Voltage (Max.)
VF
0.50
0.70
0.85
V
Forward
Rectified Current (Max.)
IO
2.0
A
See Fig.1
Peak Forward Surge Current
IFSM
40
A
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
0.5
VR=VRRM, Ta=25°C
Reverse Current (Max.)
IR
10
mA
VR=VRRM, Ta=125°C
Thermal Resistance (Typ.)
RθJA
85
°C/W
Junction to ambient
Diode Junction
Capacitance (Typ.)
CJ
160
pF
f=1MHz and applied 4V DC
reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-65 ~ 175, -55 to 125
-65 ~ 175, -55 to 150
°C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
3.10 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
0.60
1.00
F
0.30 (TYP.)
E
E
F
B
C
D
A
SOD-123MH


Similar Part No. - SM250MH

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM250 DCCOM-SM250 Datasheet
420Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
StarHope
SM250 SPSEMI-SM250 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Nanjing International G...
SM250.2A-DO-213AB DGNJDZ-SM250.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Sinopower Semiconductor...
SM2501NSU SINOPWER-SM2501NSU Datasheet
320Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM2501NSUC-TRG SINOPWER-SM2501NSUC-TRG Datasheet
320Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM250MH

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
   2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS22 YANGJIE-SS22 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS210A-100V-SMAF DGNJDZ-SS210A-100V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM220B GWSEMI-SM220B Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com