Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL916B Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # LL916B
Description  HIGH CONDUCTANCE FAST DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL916B Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  LL916B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL916B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LL916B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. LL916B Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 13/04/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
CAPACITANCE vs REVERSE VOLTAGE
VR=0.0 to 15 V
REVERSE VOLTAGE (V)
14
Ta=25 C
0
0.8
0.75
0.9
0.85
4
26
10
812
o
Ta=25 C
REVERSE RECOVERY TIME vs
REVERSE CURRENT
60
1
10
3
2
4
REVERSE CURRENT (mA)
I F=10mA-IRR=1.0mA-Rloop=100 Ohms
20
30
40
50
o
1.5
2.5
3.5
Average Rectified Current (Io) &
Forward Current (I F) versus
Ambient Temperature (TA)
TA-AMBIENT TEMPERATURE ( C)
150
0
0
200
100
300
500
400
50
100
o
I O-AVERAGE TEMPERATURE ( C)
POWER DERATING CURVE
150
0
0
200
100
300
100
400
500
o
150
50
IR
-F
OR
W
AR
D
CU
RR
EN
T
ST
EA
DY
ST
AT
E-m
A
I O-AV
ERA
GE R
ECTIF
IED
CUR
RENT
-mA
DO-35
SOT-23
Typical Characteristics
LL916, LL916A, LL916B


Similar Part No. - LL916B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL914 SEMTECH_ELEC-LL914 Datasheet
113Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Pan Jit International I...
LL914 PANJIT-LL914 Datasheet
87Kb / 3P
   SWITCHING DIODES
logo
Nanjing International G...
LL914 DGNJDZ-LL914 Datasheet
65Kb / 1P
   Silicon Epitaxial Planar Switching Diode
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Taiwan Semiconductor Co...
LL914B TSC-LL914B Datasheet
69Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results

Similar Description - LL916B

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
MMBD4148SE DAYA-MMBD4148SE Datasheet
113Kb / 2P
   HIGH CONDUCTANCE ULTRA FAST DIODES
logo
Fairchild Semiconductor
FDH1000 FAIRCHILD-FDH1000 Datasheet
27Kb / 1P
   High Conductance Switching Diodes
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154_09 Datasheet
162Kb / 3P
   High Conductance Fast Diode
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
   High Conductance Fast Diode
logo
New Jersey Semi-Conduct...
1N914A NJSEMI-1N914A Datasheet
106Kb / 1P
   HIGH CONDUCTANCE ULTRA FAST SWITCHES DIFFUSED SILICON PLANAR DIODES
logo
Fairchild Semiconductor
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
logo
List of Unclassifed Man...
1N6099 ETC-1N6099 Datasheet
36Kb / 1P
   HIGH CONDUCTANCE LOW LEAKAGE DIODES
logo
Fairchild Semiconductor
FDH300 FAIRCHILD-FDH300 Datasheet
37Kb / 1P
   High Conductance Low Leakage Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com