Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G102E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G102E
Description  Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G102E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G102E Datasheet HTML 1Page - MicroPower Direct, LLC G102E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
G101E
5
4.5 - 5.5
278
30
5.0
200.0
20.0
15
72
500
G102E
5
4.5 - 5.5
270
30
9.0
111.0
12.0
15
74
500
G103E
5
4.5 - 5.5
260
30
12.0
83.0
9.0
15
77
500
G104E
5
4.5 - 5.5
253
30
15.0
67.0
7.0
15
79
500
G105E
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
G106E
5
4.5 - 5.5
267
30
±9.0
±56.0
±6.0
15
75
500
G107E
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
15
78
500
G108E
5
4.5 - 5.5
253
30
±15.0
±33.0
±4.0
15
79
500
G111E
12
10.8 - 13.2
114
15
5.0
200.0
20.0
15
73
200
G112E
12
10.8 - 13.2
111
15
9.0
111.0
12.0
15
75
200
G113E
12
10.8 - 13.2
105
15
12.0
83.0
9.0
15
79
200
G114E
12
10.8 - 13.2
104
15
15.0
67.0
7.0
15
80
200
G115E
12
10.8 - 13.2
113
15
±5.0
±100.0
±10.0
15
74
200
G116E
12
10.8 - 13.2
110
15
±9.0
±56.0
±6.0
15
76
200
G117E
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
G118E
12
10.8 - 13.2
104
15
±15.0
±33.0
±4.0
15
80
200
G121E
24
21.6 - 26.4
56
8
5.0
200.0
20.0
15
74
100
G122E
24
21.6 - 26.4
55
8
9.0
111.0
12.0
15
76
100
G123E
24
21.6 - 26.4
52
8
12.0
83.0
9.0
15
80
100
G124E
24
21.6 - 26.4
51
8
15.0
67.0
7.0
15
81
100
G125E
24
21.6 - 26.4
56
8
±5.0
±100.0
±10.0
15
74
100
G126E
24
21.6 - 26.4
55
8
±9.0
±56.0
±6.0
15
76
100
G127E
24
21.6 - 26.4
52
8
±12.0
±42.0
±5.0
15
80
100
G128E
24
21.6 - 26.4
51
8
±15.0
±33.0
±4.0
15
81
100
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
3. These converters will operate without external components. However, when
measuring output ripple, it is recommended that an external ceramic capaci-
tor be placed from the
+Vout pin to the -Vout
pin for single output
units and from each out-
put to common for dual
output units. An input
capacitor will enhance
stability over tempera-
ture and input line variations. Recommended capacitor values are given in
the table above. For applications requiring very low output noise levels, a
simple LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V or 30 VDC
output. To do this, connect the load across the positive (+Vout) and negative
(-Vout) outputs and float the output common
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 μF
5 VDC
10.0 μF
4.7 μF
12 VDC
2.2 μF
9 VDC
4.7 μF
2.2 μF
24 VDC
1.0 μF
12 VDC
2.2 μF
1.0 μF
15 VDC
1.0 μF
0.47 μF
Other input/output combinations are available
(i.e. 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
9
+Vout
+Vout
7
NC
NC
11
-Vout
-Vout
8
No Pin
Common
14
+Vin
+Vin
NC = No Connection
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - G102E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G102E MPD-G102E Datasheet
249Kb / 2P
   G100E Series
G102EI MPD-G102EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
G102EI MPD-G102EI Datasheet
181Kb / 2P
   G100EI SERIES
More results

Similar Description - G102E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
D100E MPD-D100E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
D100ED MPD-D100ED Datasheet
209Kb / 2P
   Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
   Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
SL Power Electronics
DC1_DD SLPOWER-DC1_DD Datasheet
250Kb / 2P
   1W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com