Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G117EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G117EI
Description  Low Cost, 1W MiniDIP High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G117EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G117EI Datasheet HTML 1Page - MicroPower Direct, LLC G117EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
G101EI
5
4.5 - 5.5
286
30
5.0
200.0
20.0
15
70
500
G102EI
5
4.5 - 5.5
267
30
9.0
111.0
12.0
15
75
500
G103EI
5
4.5 - 5.5
256
30
12.0
83.0
9.0
15
78
500
G104EI
5
4.5 - 5.5
250
30
15.0
67.0
7.0
15
80
500
G105EI
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
G106EI
5
4.5 - 5.5
267
30
±9.0
±56.0
±6.0
15
75
500
G107EI
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
15
78
500
G108EI
5
4.5 - 5.5
253
30
±15.0
±33.0
±4.0
15
79
500
G111EI
12
10.8 - 13.2
115
15
5.0
200.0
20.0
15
72
200
G112EI
12
10.8 - 13.2
110
15
9.0
111.0
12.0
15
76
200
G113EI
12
10.8 - 13.2
105
15
12.0
83.0
9.0
15
79
200
G114EI
12
10.8 - 13.2
103
15
15.0
67.0
7.0
15
81
200
G115EI
12
10.8 - 13.2
113
15
±5.0
±100.0
±10.0
15
74
200
G116EI
12
10.8 - 13.2
110
15
±9.0
±56.0
±6.0
15
76
200
G117EI
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
G118EI
12
10.8 - 13.2
104
15
±15.0
±33.0
±4.0
15
80
200
G121EI
24
21.6 - 26.4
57
8
5.0
200.0
20.0
15
73
100
G122EI
24
21.6 - 26.4
54
8
9.0
111.0
12.0
15
77
100
G123EI
24
21.6 - 26.4
52
8
12.0
83.0
9.0
15
80
100
G124EI
24
21.6 - 26.4
51
8
15.0
67.0
7.0
15
82
100
G125EI
24
21.6 - 26.4
56
8
±5.0
±100.0
±10.0
15
74
100
G126EI
24
21.6 - 26.4
55
8
±9.0
±56.0
±6.0
15
76
100
G127EI
24
21.6 - 26.4
52
8
±12.0
±42.0
±5.0
15
80
100
G128EI
24
21.6 - 26.4
51
8
±15.0
±33.0
±4.0
15
81
100
Derating Curve
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
3. These converters will operate without external components. However,
when measuring output ripple, it is recommended that an external ceramic
capacitor be placed
from the +Vout pin to
the -Vout pin for single
output units and from
each output to common
for dual output units.
An input capacitor will
enhance stability over
temperature and input line variations. Recommended capacitor values are
given in the table above. For applications requiring very low output noise
levels, a simple LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V or 30 VDC
output. To do this, connect the load across the positive (+Vout) and negative
(-Vout) outputs and float the output common
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 μF
5 VDC
10.0 μF
4.7 μF
12 VDC
2.2 μF
9 VDC
4.7 μF
2.2 μF
24 VDC
1.0 μF
12 VDC
2.2 μF
1.0 μF
15 VDC
1.0 μF
0.47 μF
Other input/output combinations are available
(i.e 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
9
No Pin
Common
7
NC
NC
10
-Vout
-Vout
8
+Vout +Vout
14
+Vin
+Vin
NC= No Connection
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - G117EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G117EI MPD-G117EI Datasheet
181Kb / 2P
   G100EI SERIES
More results

Similar Description - G117EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
   Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
   Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com