Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1640D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM1640D
Description  16.0AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1640D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM1640D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1640D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM1620D THRU SM16100D
VOLTAGE 20V ~ 100V
16.0AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM1620D THRU SM16100D)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
2
4
6
8
10
12
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
SM1660
D~SM1
6100D
SM162
0D~SM
1640D
SM
SM1660D
1620D
~SM1
640D
SM16100D
01-Jun-2002 Rev. A
Page 2 of 2
T j=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
Pulse Width 300us
1% Duty Cycle
Tj=25 C


Similar Part No. - SM1640D

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM1642 LINKAGE-SM1642 Datasheet
2Mb / 8P
   LED drive control chip
logo
SeCoS Halbleitertechnol...
SM1645D1 SECOS-SM1645D1 Datasheet
372Kb / 2P
   VOLTAGE 45 V 16Amps Schottky Barrier Rectifiers
SM1645D1 SECOS-SM1645D1_15 Datasheet
206Kb / 2P
   16Amps Schottky Barrier Rectifiers
More results

Similar Description - SM1640D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1620 LUGUANG-SR1620 Datasheet
253Kb / 2P
   16.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP1620 SECOS-SP1620 Datasheet
186Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR1620C-TO220AB YFWDIODE-SR1620C-TO220AB Datasheet
269Kb / 2P
   16.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR16150 SECOS-SR16150 Datasheet
193Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SP16200 SECOS-SP16200 Datasheet
241Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRA1620 LUGUANG-SRA1620 Datasheet
213Kb / 2P
   16.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SPK1645 SECOS-SPK1645_15 Datasheet
296Kb / 2P
   16.0Amp Schottky Barrier Rectifiers
SR16200 SECOS-SR16200 Datasheet
214Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SP16150 SECOS-SP16150 Datasheet
236Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
   VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com