Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2060D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2060D
Description  20.0 AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2060D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM2060D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2060D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM2020D THRU SM20100D
VOLTAGE 20V ~ 100V
20.0 AMP Surface Mount Schottky Barrier Rectifiers
D
2-Pack
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 1.60 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C
O
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
UNITS
Maximum Recurrent Peak Reverse Voltage
V
Working Peak Reverse Voltage
V
Maximum DC Blocking Voltage
SM2020D
20
20
20
SM2040D
40
40
40
V
See Fig. 1
20.0
A
(JEDEC method)
200
A
Maximum Instantaneous Forward Voltage at 10.0A
V
Maximum DC Reverse Current Ta=25
0.3
At Rated DC Blocking Voltage Ta=100
45
mA
Typical Junction Capacitance (Note 1)
0.55
700
SM2060D
60
60
60
0.65
0.15
22.5
460
0.83
SM20100D
100
100
100
0.05
7.5
280
pF
Maximum Average Forward Rectified Current,
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load
Typical Thermal Resistance R JC (Note 2)
3.0
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1.2
+0.2
5.08
0.8
+ 0.2
0.1
10
+0.5
4.5
+0.2
1.28
2.7
0.4
+0.2
1
3
2
Common Cathode
Dimensions in millimeters
2
2
3
1
01-Jun-2002 Rev. A
Page 1 of 2
C
O
C
O
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SM2060D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2060D SECOS-SM2060D Datasheet
298Kb / 2P
   Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM2060D

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
   20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
   20.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200_15 Datasheet
286Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
   20.0 AMP Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060_15 Datasheet
201Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com