Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2085-A-J30 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2085-A-J30
Description  Light Touch Miniature Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2085-A-J30 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2085-A-J30 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. EB2085-A-J30 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
TYPICAL SWITCH ORDERING EXAMPLE
BEZEL COLORS
Silver Contacts & Solder Lug
Terminals with 3-Amp Rating
SPDT
ON-(ON) Circuit
2 LEDs
Top LED
Bottom LED
C
Red
C
Red
E
Yellow
E
Yellow
F
Green
F
Green
1 LED
C
Red
F
Green
A
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE WITHOUT BEZEL
EB2011-A-J40
Bezel with 2 Round or
Rectangular LEDs
A
Black
Bezel with 1 Round LED
A
Black
Bezel without LEDs
A
Black
F
Green
B
White
G
Blue
C
Red
H
Gray
E
Yellow
J23
11
B
EB20
F
C
POLES & CIRCUITS
11
SPDT
ON
(ON)
65
SPDT
ON
ON
61
DPDT
ON
(ON)
85
DPDT
ON
ON
( ) = Momentary
CONTACTS, RATINGS, & TERMINALS
No
Code
Silver Contacts; Solder Lug Terminals;
3A @ 125V AC
G
Gold Contacts; Solder Lug Terminals
0.4VA max @ 28V AC/DC max
P
Silver Contacts; Straight PC Terminals;
3A @ 125V AC
PG
Gold Contacts; Straight PC Terminals
0.4VA max @ 28V AC/DC max
CAP COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
CAP EXTENSIONS & BEZEL TYPES
Low Rise
High Rise
Momen-
tary
Alter-
nate
Momen-
tary
Alter-
nate
Description
J20
J30
J40
J50
Without Bezel
J21
J31
J41
J51
Bezel without LED
J22
J32
J42
J52
Bezel with 1 Round LED
J23
J33
J43
J53
Bezel with 2 Round LEDs
J24
J34
J44
J54
Bezel with 2 Rectangular LEDs
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE WITH BEZEL
EB2011-B-J23ACF
Without Bezel
Black Cap with
High Rise Extension
SPDT
ON-(ON) Circuit
Silver Contacts & Solder Lug
Terminalswith 3-Amp Rating
Black Bezel with 2 Round LEDs:
Top LED Red
Bottom LED Green
White Cap with
Low Rise Extension
LED COLORS
IMPORTANT:
Switches are supplied without UL, C-UL
& CSA markings unless specified. Spe-
cific models & ratings noted on General
Specifications page.
Light Touch Miniature Pushbuttons
Series EB


Similar Part No. - EB2085-A-J30

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2085-BA NKK-EB2085-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2085-BB NKK-EB2085-BB Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2085-BC NKK-EB2085-BC Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2085-BE NKK-EB2085-BE Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2085-BF NKK-EB2085-BF Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2085-A-J30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com