Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC652W Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54HC652W
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC652W Datasheet(HTML) 6 Page - Texas Instruments

  SN54HC652W Datasheet HTML 1Page - Texas Instruments SN54HC652W Datasheet HTML 2Page - Texas Instruments SN54HC652W Datasheet HTML 3Page - Texas Instruments SN54HC652W Datasheet HTML 4Page - Texas Instruments SN54HC652W Datasheet HTML 5Page - Texas Instruments SN54HC652W Datasheet HTML 6Page - Texas Instruments SN54HC652W Datasheet HTML 7Page - Texas Instruments SN54HC652W Datasheet HTML 8Page - Texas Instruments SN54HC652W Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54HC652, SN74HC652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS151B – DECEMBER 1982 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC652
SN74HC652
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
0
6
0
4.3
0
5.5
fclock
Clock frequency
4.5 V
0
31
0
22
0
27
MHz
6 V
0
36
0
25
0
31
2 V
80
115
95
tw
Pulse duration, CLKBA or CLKAB high or low
4.5 V
16
23
19
ns
6 V
14
20
16
2 V
100
150
125
tsu
Setup time, A before CLKAB
↑ or B before CLKBA↑
4.5 V
20
30
25
ns
6 V
17
26
21
2 V
5
5
5
th
Hold time, A after CLKAB
↑ or B after CLKBA↑
4.5 V
5
5
5
ns
6 V
5
5
5
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC652
SN74HC652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
10
4.3
5.5
fmax
4.5 V
31
40
22
27
MHz
6 V
36
45
25
31
2 V
65
180
270
225
CLKBA or CLKAB
A or B
4.5 V
18
36
54
45
6 V
14
31
46
38
2 V
50
135
205
170
tpd
A or B
B or A
4.5 V
14
27
41
34
ns
6 V
11
23
35
29
2 V
70
190
285
240
SBA or SAB†
A or B
4.5 V
20
38
57
48
6 V
16
32
48
41
2 V
85
245
370
305
ten
OEBA or OEAB
A or B
4.5 V
25
49
74
61
ns
6 V
20
42
63
52
2 V
50
245
370
305
tdis
OEBA or OEAB
A or B
4.5 V
23
49
74
61
ns
6 V
20
42
63
52
2 V
28
60
90
75
tt
Any
4.5 V
8
12
18
15
ns
6 V
6
10
15
13
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54HC652W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC652 TI1-SN54HC652 Datasheet
618Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HC652 TI1-SN54HC652_15 Datasheet
618Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HC652W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com