Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G226I Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # G226I
Description  Compact MiniDIP, 2W High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G226I Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  G226I Datasheet HTML 1Page - MicroPower Direct, LLC G226I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
Miniature DIP Package
3.0 kVDC Isolation
2W Output Power
Single & Dual Outputs
3.6 MH MTBF
Low Cost
Electrical Specifications
Specifications typical @ +251C with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower
Direct
Compact MiniDIP, 2W
High Isolation
DC/DC Converters
G200I Series
MicroPower Direct
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
WEB: www/micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
48 VDC Input
43.2
48.0
52.8
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
!1.0
!3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
!0.1
!1.0
%
Line Regulation
For Vin Change of 1%
!1.2
!1.5
%
Load Regulation
See Model Selection Guide
Ripple & Noise (20 MHz)
100
150
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
200
mV P - P
Ripple & Noise (20 MHz)
5
mV rms
Output Power Protection
120
%
Temperature Coefficient
!0.01
!0.02
%/1C
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
80
120
pF
Switching Frequency
50
80
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+25
+70
1C
Storage Temperature Range
-40
+125
1C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size, 5V, 12V & 24V Input Models
0.80 x 0.40 x 0.27 Inches (20.32 x 10.16 x 6.85 mm)
Case Size, 48VDC Input Models
0.80 x 0.40 x 0.30 Inches (20.32 x 10.16 x 7.50 mm)
Case Material
Non-Conductive Black Plastic
Weight
0.09 Oz (2.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 251C, Gnd Benign
3.6
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
48 VDC Input
-0.7
55.0
Internal Power Dissipation
All Models
650
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - G226I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G226 MPD-G226 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Heyco.
G2261 HEYCO-G2261 Datasheet
120Kb / 1P
   Screw-In Rubber Pocket Bumpers
G2267 HEYCO-G2267 Datasheet
120Kb / 1P
   Screw-In Rubber Pocket Bumpers
logo
MicroPower Direct, LLC
G226E MPD-G226E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
G226EI MPD-G226EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
More results

Similar Description - G226I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
   Medical Approved Compact MiniDIP, 2W DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
   Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com