Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2065-CG Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2065-CG
Description  Light Touch Miniature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2065-CG Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2065-CG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2065-CG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2065-CG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2065-CG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2065-CG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2065-CG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Light Touch Miniature Pushbuttons
Series EB
HARDWARE
Installation/Assembly
2 AT513M Metric Hexagon Nuts
1 AT509 Internal Tooth Lockwasher
AT513M
Metric Hexagon Nut
Material:
Brass with
Nickel Plating
AT509
Lockwasher
Material:
Steel with
Zinc/Chromate
Panel Thicknesses & Panel Cutouts
Metric Bushing
Without
Bottom Hex Nut
Maximum Effective
Panel Thickness:
.185” (4.7mm)
See Accessories & Hardware section for optional Conical Nuts:
AT512M used with cap AT443 and AT512CM used with cap AT442.
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.35) Dia
.250
AT507M
Metric Locking Ring
Material:
Steel with
Zinc/Chromate
(8.0)
.315
M6 P0.75
(9.0)
.354
(1.5)
.059
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
Optional Hardware:
AT507M Metric Locking Ring
Note: Cap must be snapped on
after the switch is mounted
into the panel.
Standard Hardware
Optional Hardware
(8.0) Dia
.315
(0.8)
.031
(2.5)
.098
M6 P0.75
(1.7)
.067
(8.5)
.335
With
Standard Hardware
Maximum Effective
Panel Thickness:
.118” (3.0mm)
Face Nut
Locking Ring
(Optional)
Lockwasher
Lock Nut
With Standard Hardware
& Optional Locking Ring
Maximum Effective
Panel Thickness:
.055” (1.4mm)
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087


Similar Part No. - EB2065-CG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2065-C-J20 NKK-EB2065-C-J20 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2065-C-J30 NKK-EB2065-C-J30 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2065-C-J40 NKK-EB2065-C-J40 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2065-C-J50 NKK-EB2065-C-J50 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2065-CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-A-J20 NKK-EB2011-A-J20 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com