Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G201RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G201RW
Description  Compact MiniDIP, 2W Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G201RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G201RW Datasheet HTML 1Page - MicroPower Direct, LLC G201RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and
from each output to common for dual output units. For noise sensitive applications,
the use of 3.3 µF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change
of 75% to 100%.
3. Operation at no-load will not damage these units. However, they may not meet all
specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output.
To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs
and float the output common.
5. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In ap-
plications where the converter output loading is high and input power is supplied
over long lines, it may be necessary to use a capacitor on the input to insure start-
up.
In this case, it is recommended that a low ESR (ESR <1.0
Ω at 100 kHz) capacitor be
mounted close to the converter. For 5V input units a 8.2 µF is recommended, for
12V input units, a 3.3 µF; and for 24V & 48V units a 1.5 µF.
6. It is recommended that a fuse be used on the input of a power supply for protec-
tion. See the table above for the correct rating.
Model
Number
Input
Output
Reflected
Ripple
Current (mA)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
G201RW
5
4.5 - 9.0
471
40
3.3
500.0
125.0
100
70
1,000
G202RW
5
4.5 - 9.0
548
40
5.0
400.0
100.0
100
73
1,000
G203RW
5
4.5 - 9.0
534
40
12.0
1670
42.0
100
75
1,000
G204RW
5
4.5 - 9.0
582
40
15.0
134.0
33.0
100
73
1,000
G205RW
5
4.5 - 9.0
667
40
±5.0
±200.0
±50.0
100
64
1,000
G206RW
5
4.5 - 9.0
615
40
±12.0
±83.0
±21.0
100
69
1,000
G207RW
5
4.5 - 9.0
598
40
±15.0
±67.0
±17.0
100
71
1,000
G211RW
12
9.0 - 18.0
184
20
3.3
500.0
125.0
25
73
500
G212RW
12
9.0 - 18.0
217
20
5.0
400.0
100.0
25
77
500
G213RW
12
9.0 - 18.0
209
20
12.0
1670
42.0
25
80
500
G214RW
12
9.0 - 18.0
220
20
15.0
134.0
33.0
25
80
500
G215RW
12
9.0 - 18.0
242
20
±5.0
±200.0
±50.0
25
73
500
G216RW
12
9.0 - 18.0
224
20
±12.0
±83.0
±21.0
25
78
500
G217RW
12
9.0 - 18.0
226
20
±15.0
±67.0
±17.0
25
78
500
G221RW
24
18.0 - 36.0
96
10
3.3
500.0
125.0
15
72
250
G222RW
24
18.0 - 36.0
109
10
5.0
400.0
100.0
15
77
250
G223RW
24
18.0 - 36.0
109
10
12.0
1670
42.0
15
80
250
G224RW
24
18.0 - 36.0
108
10
15.0
134.0
33.0
15
81
250
G225RW
24
18.0 - 36.0
119
10
±5.0
±200.0
±50.0
15
74
250
G226RW
24
18.0 - 36.0
112
10
±12.0
±83.0
±21.0
15
78
250
G227RW
24
18.0 - 36.0
110
10
±15.0
±67.0
±17.0
15
80
250
G231RW
48
36.0 - 72.0
49
8
3.3
500.0
125.0
10
71
120
G232RW
48
36.0 - 72.0
57
8
5.0
400.0
100.0
10
73
120
G233RW
48
36.0 - 72.0
53
8
12.0
1670
42.0
10
79
120
G234RW
48
36.0 - 72.0
55
8
15.0
134.0
33.0
10
79
120
G235RW
48
36.0 - 72.0
62
8
±5.0
±200.0
±50.0
10
71
120
G236RW
48
36.0 - 72.0
57
8
±12.0
±83.0
±21.0
10
77
120
G237RW
48
36.0 - 72.0
57
8
±15.0
±67.0
±17.0
10
77
120
Pin
Single
Dual
1
-Vin
-Vin
7NC
NC
8
NC
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin
NC = No Connection
Pin Connections
Output (VDC)
µF Max
3.3
2,200
5.0
1,000
12.0
170
15.0
110
±5.0
470
±12.0
100
±15.0
47
Note: For dual output units,
Cap load is given for each
output.
Capacitive Load
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve


Similar Part No. - G201RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G201 MPD-G201 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Global Mixed-mode Techn...
G2010 GMT-G2010 Datasheet
90Kb / 1P
   1-Channel DC Motor Driver for Toy
logo
Heyco.
G2010 HEYCO-G2010 Datasheet
98Kb / 1P
   Rubber Push-In Bumpers
logo
Global Mixed-mode Techn...
G2011 GMT-G2011 Datasheet
80Kb / 1P
   2-Channel DC Motor Driver for Toy
logo
Heyco.
G2011 HEYCO-G2011 Datasheet
98Kb / 1P
   Rubber Push-In Bumpers
More results

Similar Description - G201RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
   Medical Approved Compact MiniDIP, 2W DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
LF200RW MPD-LF200RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
MG800RU MPD-MG800RU Datasheet
466Kb / 2P
   Compact, 8W 4:1 Input, MiniDIP DC/DC Converters
MG800RW MPD-MG800RW Datasheet
672Kb / 3P
   Compact, 8W 2:1 Input, MiniDIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com