Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H101I Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # H101I
Description  Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

H101I Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  H101I Datasheet HTML 1Page - MicroPower Direct, LLC H101I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
1W Output Power
Miniature MiniDIP Case
3,000 VDC Isolation
Complies to RFI Standards
>2 MHour MTBF
18 Standard Models
Industry Standard Pin-Out
H100I
Ultra-Miniature MiniDIP
1W, High Isolation
DC/DC Converters
Series
New Models!!
New Models!!
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation
Iout = 20% to 100%
±8.0
%
Ripple & Noise (20 MHz)
100
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
60
100
pF
Switching Frequency
80
kHz
EMI/RFI
EN55022 A, EN55024 A, IEC 61000-4-2, IEC 61000-4-3, FCC 47 CFR Part 15 B
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+25
+85
º
C
Operating Temperature Range
Case
+100
ºC
Storage Temperature Range
-40
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.50 x 0.40 x 0.27 Inches (12.70 x 10.16 x 6.85 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.06 Oz (1.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.0
VDC
12 VDC Input
-0.7
15.0
24 VDC Input
-0.7
28.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Ste D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - H101I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H101 ETC2-H101 Datasheet
55Kb / 1P
   High Temperature Thermostat
logo
Productwell Precision E...
H101 PRODUCTWELL-H101 Datasheet
123Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
logo
Littelfuse
H101001 LITTELFUSE-H101001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
H101002 LITTELFUSE-H101002 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
H101003 LITTELFUSE-H101003 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
More results

Similar Description - H101I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
logo
Minmax Technology Co., ...
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
   1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
   Low Cost, 1W, Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com