Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2SA1H Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B2SA1H
Description  Process Sealed Subminiature Antistatic Toggles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B2SA1H Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  B2SA1H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B2SA1H Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Toggles
Series B
CAP
COLORS
PADDLE
COLORS
A
Black
A
B
White
B
C
Red
C
---
Yellow
E
---
Green
F
---
Blue
G
---
Gray
H
POLES
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
B
Straight PC Terminals
with Bracket
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
B12AB
A
.394” (10.0mm)
Bat Toggle
OPTIONAL CAPS
G
.394” (10.0mm) Bat Lever Cap
J
.248” (6.3mm) Bat Lever Cap
PADDLES
A
Short Paddle for K Toggle
B
Long Paddle for K Toggle
B
TOGGLES
A
.394” (10.0mm) Bat
A1
.315” (8.0mm) Bat with
Panel Seal Threaded Bushing
(Straight PC only)
J
.248” (6.3mm) Bat
E
.394” (10.0mm) Flatted
H
.248” (6.3mm) Flatted
K
Snap Top for A or B Paddle
L
Locking Lever
(with Circuits 2 & 3 only)
SPDT
ON-NONE-ON Circuit
PC TERMINALS
P
Straight
B
Straight with Bracket
H
Right Angle with Bracket
V
Vertical with Bracket
W
Straight Long
* Bracketed models are ESD protected
*
*
*
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE
(ON)
*R
(ON) NONE
ON
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
*S
(ON)
OFF
ON
( ) = Momentary
Reverse circuits R & S
available with right angle
& vertical only
*


Similar Part No. - B2SA1H

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B2SA1H-GA OHMITE-B2SA1H-GA Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B2SA1H-GA NKK-B2SA1H-GA Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B2SA1H-GB OHMITE-B2SA1H-GB Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B2SA1H-GB NKK-B2SA1H-GB Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B2SA1H-GC OHMITE-B2SA1H-GC Datasheet
258Kb / 8P
   General Specifications
More results

Similar Description - B2SA1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com