Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB15AH-XA Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # GB15AH-XA
Description  Process Sealed Ultra-Miniature Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

GB15AH-XA Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  GB15AH-XA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. GB15AH-XA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. GB15AH-XA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. GB15AH-XA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. GB15AH-XA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Ultra-Miniature Pushbuttons
Series GB
PLUNGER
SLIP-ON CAP & COLORS
PC TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are not
actually on the switch.
SP
GB15
ON
(ON)
5-6
5-4
SPDT
DP
GB25
ON
(ON)
5-6 2-3
5-4 2-1
DPDT
Material: Polyamide
Finish: Glossy
Actual Size
.130” (3.3mm) Long Plunger
POLES & CIRCUITS
AT4063
.157” (4.0mm) Diameter Slip-on Cap
Straight
Vertical
Right Angle
Cap Colors Available:
Black
White
Red
A
P
V
H
X
A
B
C
(2.0) Dia
.079
(3.3)
.130
(2.54) Typ
.100
(2.6)
.102
(2.54) Typ
.100
(0.4) Dia Typ
.016
(7.0)
.276
(4.5)
.177
(0.4) Dia Typ
.016
(2.54) Typ
.100
(7.0)
.276
(4.5)
.177
(2.54) Typ
.100
(0.5) Typ
.020
(4.5)
.177
(7.0)
.276
(0.5) Typ
.020
(2.54) Typ
.100
(2.54) Typ
.100
(0.4) Dia Typ
.016
(3.8)
.150
(4.0) Dia
.157
(2.4)
.094
5 (COM)
6
4
(COM)
6
4
5
1
2
3


Similar Part No. - GB15AH-XA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB15AH-XA ETC2-GB15AH-XA Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
More results

Similar Description - GB15AH-XA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
Nihon Kaiheiki Industry...
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com